Electronic Components Datasheet Search
  English  ▼

X  

ADC12DS080 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DS080
Description  80 MSPS A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DS080 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADC12DS080 Datasheet HTML 13Page - Texas Instruments ADC12DS080 Datasheet HTML 14Page - Texas Instruments ADC12DS080 Datasheet HTML 15Page - Texas Instruments ADC12DS080 Datasheet HTML 16Page - Texas Instruments ADC12DS080 Datasheet HTML 17Page - Texas Instruments ADC12DS080 Datasheet HTML 18Page - Texas Instruments ADC12DS080 Datasheet HTML 19Page - Texas Instruments ADC12DS080 Datasheet HTML 20Page - Texas Instruments ADC12DS080 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
ADC12DS080
www.ti.com
SNAS443A – MARCH 2008 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = VDR = +3.0V,
Internal VREF = +1.2V, fCLK = 80 MHz, 50% Duty Cycle, DCS disabled, VCM = VCMO, fIN = 10 MHz, TA = 25°C.
Spectral Response @ 10 MHz Input
Spectral Response @ 70 MHz Input
Figure 15.
Figure 16.
Spectral Response @ 170 MHz Input
IMD, fIN1 = 20 MHz, fIN2 = 21 MHz
Figure 17.
Figure 18.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ADC12DS080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com