Electronic Components Datasheet Search
  English  ▼

X  

ADC12010 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12010
Description  12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12010 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC12010 Datasheet HTML 17Page - Texas Instruments ADC12010 Datasheet HTML 18Page - Texas Instruments ADC12010 Datasheet HTML 19Page - Texas Instruments ADC12010 Datasheet HTML 20Page - Texas Instruments ADC12010 Datasheet HTML 21Page - Texas Instruments ADC12010 Datasheet HTML 22Page - Texas Instruments ADC12010 Datasheet HTML 23Page - Texas Instruments ADC12010 Datasheet HTML 24Page - Texas Instruments ADC12010 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
ADC12010
www.ti.com
SNAS185B – APRIL 2003 – REVISED MARCH 2013
PD
The PD pin, when high, holds the ADC12010 in a power-down mode to conserve power when the converter is
not being used. The power consumption in this state is 25 mW with a 10 Mhz clock and the output data pins are
undefined in this mode. The data in the pipeline is corrupted while in the power down mode.
The Power Down Mode Exit Cycle time is determined by the value of the capacitors on pins 30, 31 and 32.
These capacitors loose their charge in the Power Down mode and must be charged by on-chip circuitry before
conversions can be accurate.
DATA OUTPUTS
The ADC12010 has 12 TTL/CMOS compatible Data Output pins. Valid offset binary data is present at these
outputs while the OE and PD pins are low. While the tOD time provides information about output timing, a simple
way to capture a valid output is to latch the data on the falling edge of the conversion clock (pin 10).
Be very careful when driving a high capacitance bus. The more capacitance the output drivers must charge for
each conversion, the more instantaneous digital current flows through VDR and DR GND. These large charging
current spikes can cause on-chip noise that can couple into the analog circuitry, degrading dynamic
performance. Adequate power supply bypassing and careful attention to the ground plane will reduce this
problem. Additionally, bus capacitance beyond that specified will cause tOD to increase, making it difficult to
properly latch the ADC output data. The result could be an apparent reduction in dynamic performance.
To minimize noise due to output switching, minimize the load currents at the digital outputs. This can be done by
connecting buffers (74AC541, for example) between the ADC outputs and any other circuitry. Only one driven
input should be connected to each output pin. Additionally, inserting series 100
Ω resistors at the digital outputs,
close to the ADC pins, will isolate the outputs from trace and other circuit capacitances and limit the output
currents, which could otherwise result in performance degradation. See Figure 37.
While the ADC12010 will operate with VDR voltages down to 1.8V, tOD increases with reduced VDR. Be careful of
external timing when using reduced VDR.
Figure 37. Simple Application Circuit with Single-Ended to Differential Buffer
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC12010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com