Electronic Components Datasheet Search
  English  ▼

X  

ADC12010 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12010
Description  12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12010 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC12010 Datasheet HTML 9Page - Texas Instruments ADC12010 Datasheet HTML 10Page - Texas Instruments ADC12010 Datasheet HTML 11Page - Texas Instruments ADC12010 Datasheet HTML 12Page - Texas Instruments ADC12010 Datasheet HTML 13Page - Texas Instruments ADC12010 Datasheet HTML 14Page - Texas Instruments ADC12010 Datasheet HTML 15Page - Texas Instruments ADC12010 Datasheet HTML 16Page - Texas Instruments ADC12010 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ADC12010
www.ti.com
SNAS185B – APRIL 2003 – REVISED MARCH 2013
ADC12010 TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VA = VD = 5,0V, VDR = 3.0V, fCLK = 10 MHz,fIN = 10.1 MHz, VREF = 2.0V unless otherwise stated
SNR vs VREF
THD vs Temperature
Figure 15.
Figure 16.
THD vs Clock Duty Cycle
THD vs Sample Rate
Figure 17.
Figure 18.
THD vs FIN
THD vs VREF
Figure 19.
Figure 20.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC12010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com