Electronic Components Datasheet Search
  English  ▼

X  

ADS5440IPFP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5440IPFP
Description  13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5440IPFP Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5440IPFP Datasheet HTML 17Page - Texas Instruments ADS5440IPFP Datasheet HTML 18Page - Texas Instruments ADS5440IPFP Datasheet HTML 19Page - Texas Instruments ADS5440IPFP Datasheet HTML 20Page - Texas Instruments ADS5440IPFP Datasheet HTML 21Page - Texas Instruments ADS5440IPFP Datasheet HTML 22Page - Texas Instruments ADS5440IPFP Datasheet HTML 23Page - Texas Instruments ADS5440IPFP Datasheet HTML 24Page - Texas Instruments ADS5440IPFP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.ti.com
18 pF
13-Bit
210 MSPS
AIN
AIN
VREF
ADS5440
+ 5 V
THS4509
CM
348
Ω
348
Ω
100
Ω
100
Ω
78.9
Ω
VIN
From
50
Ω
Source
49.9
Ω
49.9
Ω
78.9
Ω
49.9
Ω
49.9
Ω
0.22
µF
0.22
µF
0.1
µF
0.1
µF
0.22
µF
Clock Inputs
CLK
ADS5440
CLK
Square Wave or
Sine Wave
0.01
µF
0.01
µF
ADS5440
SLAS467A – JULY 2005 – REVISED DECEMBER 2005
Application Information (continued)
Figure 37. Using the THS4509 With the ADS5440
Besides the OPA695, Texas Instruments offers a wide selection of single-ended operational amplifiers that can
be selected depending on the application. An RF gain block amplifier, such as Texas Instrument's THS9001, can
also be used with an RF transformer for high input frequency applications. For applications requiring dc-coupling
with the signal source, a differential input/differential output amplifier like the THS4509 (see Figure 37) is a good
solution as it minimizes board space and reduces the number of components.
In this configuration, the THS4509 amplifier circuit provides 10 dB of gain, converts the single-ended input to
differential, and sets the proper input common-mode voltage to the ADS5440.
The 50
Ω resistors and 18 pF capacitor between the THS4509 outputs and ADS5440 inputs (along with the input
capacitance of the ADC) limit the bandwidth of the signal to about 70 MHz (-3 dB).
Input termination is accomplished via the 78.9
Ω resistor and 0.22 µF capacitor to ground in conjunction with the
input impedance of the amplifier circuit. A 0.22
µF capacitor and 49.9 Ω resistor is inserted to ground across the
78.9
Ω resistor and 0.22 µF capacitor on the alternate input to balance the circuit.
Gain is a function of the source impedance, termination, and 348
Ω feedback resistor. See the THS4509 data
sheet for further component values to set proper 50
Ω termination for other common gains.
Since the ADS5440 recommended input common-mode voltage is +2.4 V, the THS4509 is operated from a
single power supply input with VS+ = +5 V and VS- = 0 V (ground). This maintains maximum headroom on the
internal transistors of the THS4509.
The ADS5440 clock input can be driven with either a differential clock signal or a single-ended clock input, with
little or no difference in performance between both configurations. In low input frequency applications, where jitter
may not be a big concern, the use of single-ended clock (see Figure 38) could save some cost and board space
without any trade-off in performance. When driven on this configuration, it is best to connect CLK to ground with
a 0.01
µF capacitor, while CLK is ac-coupled with a 0.01 µF capacitor to the clock source, as shown in
Figure 38.
Figure 38. Single-Ended Clock
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com