Electronic Components Datasheet Search
  English  ▼

X  

ADS5440IPFP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5440IPFP
Description  13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5440IPFP Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5440IPFP Datasheet HTML 9Page - Texas Instruments ADS5440IPFP Datasheet HTML 10Page - Texas Instruments ADS5440IPFP Datasheet HTML 11Page - Texas Instruments ADS5440IPFP Datasheet HTML 12Page - Texas Instruments ADS5440IPFP Datasheet HTML 13Page - Texas Instruments ADS5440IPFP Datasheet HTML 14Page - Texas Instruments ADS5440IPFP Datasheet HTML 15Page - Texas Instruments ADS5440IPFP Datasheet HTML 16Page - Texas Instruments ADS5440IPFP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.ti.com
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
70
80
90 100
FIN1 = 355 MHz, −7 dBFS
FIN2 = 356 MHz, −7 dBFS
IMD3 = 79.7 dBFS
G013
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
70
80
90 100
FIN1 = 355 MHz, −16 dBFS
FIN2 = 356 MHz, −16 dBFS
IMD3 = 96.8 dBFS
G014
f − Frequency − MHz
−140
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
70
80
90
fS = 184.32 MSPS
fIN = 70 MHz
ACPR Adj Top = 73 dB
ACPR Adj Low = 72.7 dB
G015
f − Frequency − MHz
−140
−120
−100
−80
−60
−40
−20
0
0
10
20
30
40
50
60
70
80
90
G016
fS = 184.32 MSPS
fIN = 140 MHz
ACPR Adj Top = 72.1 dB
ACPR Adj Low = 72.1 dB
ADS5440
SLAS467A – JULY 2005 – REVISED DECEMBER 2005
TYPICAL CHARACTERISTICS (continued)
Two-Tone Intermodulation Distortion
Two-Tone Intermodulation Distortion
(FFT For 355-MHz and 356 MHz Input Signals)
(FFT For 355-MHz and 356 MHz Input Signals)
Figure 14.
Figure 15.
WCDMA Carrier
WCDMA Carrier
(fIN = 70 MHz)
(fIN = 140 MHz)
Figure 16.
Figure 17.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com