Electronic Components Datasheet Search
  English  ▼

X  

ADS5440IPFPR Datasheet(PDF) 16 Page - Texas Instruments

Part # ADS5440IPFPR
Description  13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5440IPFPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5440IPFPR Datasheet HTML 12Page - Texas Instruments ADS5440IPFPR Datasheet HTML 13Page - Texas Instruments ADS5440IPFPR Datasheet HTML 14Page - Texas Instruments ADS5440IPFPR Datasheet HTML 15Page - Texas Instruments ADS5440IPFPR Datasheet HTML 16Page - Texas Instruments ADS5440IPFPR Datasheet HTML 17Page - Texas Instruments ADS5440IPFPR Datasheet HTML 18Page - Texas Instruments ADS5440IPFPR Datasheet HTML 19Page - Texas Instruments ADS5440IPFPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
Clock Amplitude − VP−P
60
61
62
63
64
65
66
67
68
69
70
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G026
fS = 210 MSPS
fIN = 100.33 MHz
fIN = 230.13 MHz
Clock Amplitude − VP−P
60
62
64
66
68
70
72
74
76
78
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G025
fS = 210 MSPS
fIN = 100.33 MHz
fIN = 230.13 MHz
Clock Common-Mode Voltage − V
10
20
30
40
50
60
70
80
0
1
2
3
4
5
G027
SFDR
SNR
fs = 210 MSPS
fin = 100 MHz
AVDD − Supply Voltage − V
70
72
74
76
78
80
82
84
4.65
4.75
4.85
4.95
5.05
5.15
5.25
5.35
G028
fS = 210 MSPS
fIN = 100 MHz
TA = −40°C
TA = 0°C
TA = 25°C
TA = 65°C
TA = 85°C
ADS5440
SLAS467A – JULY 2005 – REVISED DECEMBER 2005
TYPICAL CHARACTERISTICS (continued)
Spurious Free Dynamic Range
Signal-to-Noise Ratio
vs
vs
Clock Level
Clock Level
Figure 26.
Figure 27.
Performance
Spurious Free Dynamic Range
vs
vs
Clock Common Mode Level
AVDD Across Temperature
Figure 28.
Figure 29.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com