Electronic Components Datasheet Search
  English  ▼

X  

ADC08B200 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08B200
Description  200 MSPS A/D Converter with Capture Buffer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08B200 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADC08B200 Datasheet HTML 28Page - Texas Instruments ADC08B200 Datasheet HTML 29Page - Texas Instruments ADC08B200 Datasheet HTML 30Page - Texas Instruments ADC08B200 Datasheet HTML 31Page - Texas Instruments ADC08B200 Datasheet HTML 32Page - Texas Instruments ADC08B200 Datasheet HTML 33Page - Texas Instruments ADC08B200 Datasheet HTML 34Page - Texas Instruments ADC08B200 Datasheet HTML 35Page - Texas Instruments ADC08B200 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
4.7k
0.1 µF
309W
470W
1/2
LM8272
-
+
1
8
4
3
2
10 mF
+
+3.3V
0.01 µF
1 µF
1/2
LM8272
+
-
6
5
1.62k
0.01 µF
7
604W
LM4040-2.5
0.1 µF
0.1 µF
1 µF
4.7k
1 µF
8 11
GND
ADC08B200
D7
D6
D5
D0
D1
D2
D3
D4
3
5
30
DR GND
10
V
RT
2
CLK
9
0.1 µF
10 µF
+
1
4
32
0.1 µF
10 µF
V
DR
V
A
Choke
0.1 µF
10 µF
+
12
7
V
GND
IN
38
MULT0
39
MULT1
BSIZE0
BSIZE1
24
23
DRDY
31
OE
40
OEDGE
14
EF 15
FF
16
REN 20
WEN
17
21 42 45 47
43
44 48
+
10 µF
0.1 µF
V
P
RCLK
19
ASW 25
18
WENsync
37
RESET
22
V
D
PD 13
26
27
28
36
35
34
33
29
PDADC
41
V
RM
V
RB
+3.3V
+3.3V
+3.3V
CLK
OSC
(50MHz)
+3.3V
0.1µF
33
Processor / PLD /
FPGA / DSP
33
6
V
IN
46
22
+
-
200
18
240
47
100
33 pF
Signal
Input
LMH6702
+5V
0.1 µF
33
33
33
33
33
33
33
33
33
33
33
33
33
33
+3.3V
ADC08B200
SNAS388F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
The OEDGE pin is high, meaning the output data will transition at the rise of the DRDY output. Since the PD pin
is grounded and the OE pin is high, the device will never be completely powered down and the outputs are
always enabled. Since the PDADC pin is driven from the controlling device, the ADC may be powered down,
leaving the output buffer active, when the device buffer is being read, or when the device is not in use.
The digital lines between the ADC08B200 and the receiving device have 33 Ohms at the signal source end as
source terminators, assuming output impedances of about 20 Ohms and 50-Ohm lines. The RESET and PDADC
lines are not terminated because these are basically d.c. lines and it is assumed that they do not toggle
frequently.
Figure 47. Example of a Typical Application
The average power consumption of the ADC08B200 (assuming a new capture is taken as soon as the buffer
contents is read) may be calculated by taking power consumed while capturing and writing to the buffer and
multiplying it by the capture time divided by the throughput time (interval between the successive rises of the
WEN signal), added to the power while reading the buffer with PDADC high (assuming the PDADC input is taken
high whenever data is not being captured) multiplied by the time that PDADC is high (Buffer read time plus any
idle time) divided by the throughput rate.
Assuming a Capture Power of 543 mW, a 200 Msps capture rate and a 66mW Read Power with PDADC high, a
50 MHz data read rate and no completely idle time, the average power consumption would be 161.4 mW.
32
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com