Electronic Components Datasheet Search
  English  ▼

X  

ADC08B200 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08B200
Description  200 MSPS A/D Converter with Capture Buffer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08B200 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC08B200 Datasheet HTML 4Page - Texas Instruments ADC08B200 Datasheet HTML 5Page - Texas Instruments ADC08B200 Datasheet HTML 6Page - Texas Instruments ADC08B200 Datasheet HTML 7Page - Texas Instruments ADC08B200 Datasheet HTML 8Page - Texas Instruments ADC08B200 Datasheet HTML 9Page - Texas Instruments ADC08B200 Datasheet HTML 10Page - Texas Instruments ADC08B200 Datasheet HTML 11Page - Texas Instruments ADC08B200 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ADC08B200
SNAS388F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
CONVERTER ELECTRICAL CHARACTERISTICS (continued)
The following specifications apply for VA = VD = VP = VDR = +3.3VDC, VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 200 MHz at
50% duty cycle, OEDGE/TEN = 1, Buffer and PLL bypassed. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ =
25°C
(1)(2)
Units
Parameter
Test Conditions
Typ(3)
Limits (3)
(Limits)
fIN = 10 MHz, VIN = FS − 0.25 dB
−62
dBc
fIN = 49 MHz, VIN = FS − 0.25 dB
−63
dBc
HD3
3rd Harmonic Distortion
fIN = 49 MHz, VIN = FS − 0.25 dB, PLL x8
−62
dBc
fIN = 100 MHz, VIN = FS − 0.25 dB
−56
dBc
fIN = 100 MHz, VIN = FS − 0.25 dB, PLL x4
−54.6
dBc
f1 = 11 MHz, VIN = FS − 6.25 dB
IMD
Intermodulation Distortion
-50
dBc
f2 = 12 MHz, VIN = FS − 6.25 dB
POWER SUPPLY CHARACTERISTICS
DC Input
72.5
mA
IA
Analog Supply Current
fIN = 50 MHz
76.8
88.3
mA (max)
PD High
0.3
mA
DC Input, Buffer bypassed
1.2
mA
fIN = 50 MHz, Buffer bypassed
1.6
2.1
mA (max)
ID
Digital Core Supply Current
fIN = 50 MHz, 1k writing to Buffer
(4)
38
42.4
mA
PDADC High, reading Buffer (4)
1.1
mA
PD High
0.3
mA
PLL x2
8.8
10.1
mA (max)
IP
PLL Supply Current
PLL disabled
3.6
4.3
mA (max)
PD High
60
µA
DC Input
7
mA
IDR
Output Driver Supply Current
fIN = 50 MHz
41
57
mA (max)
PD High
25
µA
DC Input, Buffer bypassed, PLL x2
97.5
mA
(5)
50 MHz Input, writing to Buffer, PLL X2
IA + ID
164.6
198
mA (max)
(5)
+ IP +
Total Operating Current
IDR
PDADC = Hi, reading Buffer,
20
mA
RCLK = 200 MHz, D.C. input
PD High
0.65
mA
DC Input, Buffer & PLL bypassed
306
mW
50 MHz Input, writing to Buffer, PLL X2
543
653
mW (max)
(5)
PC
Power Consumption
PDADC High, reading Buffer, PLL disabled (5)
66
mW
PD High
2.15
mW
D.C. Power Supply Rejection
PSRR1
FSE change with 3.0V to 3.6V change in VA
48
dB
Ratio
A.C. Power Supply Rejection
PSRR2
SNR reduction with 200 mV at 10MHz on supply
TBD
dB
Ratio
(4)
This current or power is used only during the short time that the buffer is being written to or read from, depending upon the specification.
(5)
This current or power is used only during the short time that the buffer is being written to or read from, depending upon the specification.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com