Electronic Components Datasheet Search
  English  ▼

X  

2SC1567 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SC1567
Description  Silicon NPN epitaxial planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1567 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SC1567 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1567 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1567 Datasheet HTML 3Page - Panasonic Semiconductor 2SC1567 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC1567, 2SC1567A
3
SJD00092BED
ICBO  Ta
Safe operation area
1
10
102
103
104
0160
40
120
80
Ambient temperature T
a (°C)
VCB=20V
0.001
1
0.01
0.1
1
10
10
100
1 000
Collector-emitter voltage V
CE (V)
Single pulse
TC=25˚C
t=10ms
t=1s
ICP
IC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com