Electronic Components Datasheet Search
  English  ▼

X  

2SC1567 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC1567
Description  Silicon NPN epitaxial planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1567 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC1567 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1567 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1567 Datasheet HTML 3Page - Panasonic Semiconductor 2SC1567 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power Transistors
1
Publication date: February 2003
SJD00092BED
2SC1567, 2SC1567A
Silicon NPN epitaxial planar type
For low-frequency high power driver
Complementary to 2SA0794, 2SA0794A
■ Features
• High collector-emitter voltage (Base open) V
CEO
• Optimum for the driver stage of low-frequency and 40 W to 100 W
output amplifier
• TO-126B package which requires no insulation plate for installa-
tion to the heat sink
■ Absolute Maximum Ratings T
a
= 25°C
■ Electrical Characteristics T
a
= 25°C ± 3°C
Unit: mm
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
Parameter
Symbol
Rating
Unit
Collector-base voltage
2SC1567
VCBO
100
V
(Emitter open)
2SC1567A
120
Collector-emitter voltage 2SC1567
VCEO
100
V
(Base open)
2SC1567A
120
Emitter-base voltage (Collector open)
VEBO
5V
Collector current
IC
0.5
A
Peak collector current
ICP
1A
Collector power dissipation
PC
1.2
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter voltage
2SC1567
VCEO
IC = 100 µA, IB = 0
100
V
(Base open)
2SC1567A
120
Emitter-base voltage (Collector open)
VEBO
IE = 1 µA, IC = 05
V
Forward current transfer ratio
hFE1 *
VCE = 10 V, IC = 150 mA
130
330
hFE2
VCE
= 5 V, I
C
= 500 mA
50
100
Collector-emitter saturation voltage
VCE(sat)
IC = 500 mA, IB = 50 mA
0.2
0.4
V
Base-emitter saturation voltage
VBE(sat)
IC = 500 mA, IB = 50 mA
0.85
1.20
V
Transition frequency
fT
VCB
= 10 V, I
E
= −50 mA, f = 200 MHz
120
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
11
20
pF
(Common base, input open circuited)
1: Emitter
2: Collector
3: Base
TO-126B-A1 Package
8.0
+0.5
–0.1
3.2±0.2
0.75±0.1
0.5±0.1
2.3±0.2
4.6±0.2
0.5±0.1
1.76±0.1
123
φ 3.16±0.1
Rank
R
S
hFE1
130 to 220
185 to 330


Similar Part No. - 2SC1567

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
101Kb / 4P
Silicon PNP epitaxial planar type
logo
Inchange Semiconductor ...
2SC1567 ISC-2SC1567 Datasheet
126Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC1567 SAVANTIC-2SC1567 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC1567 SAVANTIC-2SC1567 Datasheet
106Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC1567 NJSEMI-2SC1567 Datasheet
126Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC1567

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347_03 Datasheet
150Kb / 4P
Silicon NPN Epitaxial Planar Type
19-Mar-2003
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com