Electronic Components Datasheet Search
  English  ▼

X  

SN54LS243 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS243
Description  QUADRUPLE BUS TRANSCEIVERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LS243 Datasheet(HTML) 3 Page - Texas Instruments

  SN54LS243 Datasheet HTML 1Page - Texas Instruments SN54LS243 Datasheet HTML 2Page - Texas Instruments SN54LS243 Datasheet HTML 3Page - Texas Instruments SN54LS243 Datasheet HTML 4Page - Texas Instruments SN54LS243 Datasheet HTML 5Page - Texas Instruments SN54LS243 Datasheet HTML 6Page - Texas Instruments SN54LS243 Datasheet HTML 7Page - Texas Instruments SN54LS243 Datasheet HTML 8Page - Texas Instruments SN54LS243 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
SN54LS243, SN74LS243
www.ti.com ............................................................................................................................................................. SDLS145A – APRIL 1985 – REVISED JULY 2008
MIN
MAX
UNIT
VCC
Supply voltage(2)
7
V
VIN
Input voltage
7
V
OFF-state output voltage
5.5
V
SN54LS243
–55
125
TA
Operating free-air temperature range
°C
SN74LS243
0
70
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to network ground terminal.
over operating free-air temperature range (unless otherwise noted)
SN54LS243
SN74LS243
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage(1)
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output voltage
–12
–15
mA
IOL
Low-level output voltage
12
24
mA
TA
Operating free-air temperature
–55
125
0
70
°C
(1)
Voltage values are with respect to network ground terminal.
Copyright © 1985–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN54LS243 SN74LS243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com