Electronic Components Datasheet Search
  English  ▼

X  

SN54LS243 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS243
Description  QUADRUPLE BUS TRANSCEIVERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LS243 Datasheet(HTML) 1 Page - Texas Instruments

  SN54LS243 Datasheet HTML 1Page - Texas Instruments SN54LS243 Datasheet HTML 2Page - Texas Instruments SN54LS243 Datasheet HTML 3Page - Texas Instruments SN54LS243 Datasheet HTML 4Page - Texas Instruments SN54LS243 Datasheet HTML 5Page - Texas Instruments SN54LS243 Datasheet HTML 6Page - Texas Instruments SN54LS243 Datasheet HTML 7Page - Texas Instruments SN54LS243 Datasheet HTML 8Page - Texas Instruments SN54LS243 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
FEATURES
GAB
NC
A1
A2
A3
A4
GND
1
2
3
4
5
6
7
V
CC
GBA
NC
B1
B2
B3
B4
14
13
12
11
10
9
8
DESCRIPTION
TYPICAL OF ALL OUTPUTS
V
CC
17 k
50
NOM
GND
V
CC
EQUIVALENT OF EACH INPUT
INPUT
OUTPUT
SN54LS243, SN74LS243
www.ti.com ............................................................................................................................................................. SDLS145A – APRIL 1985 – REVISED JULY 2008
QUADRUPLE BUS TRANSCEIVERS
FUNCTION TABLE
• Two-Way Asynchronous Communication
(EACH TRANSCEIVER)
Between Data Buses
INPUTS
• PNP Inputs Reduce D-C Loading
SNxxLS243
GAB
GBA
• Hysteresis (Typically 400 mV) at Inputs
L
L
A to B
Improves Noise Margin
H
H
B to A
SN54LS243 . . . J OR W PACKAGE
H
L
Isolation
SN74LS243 . . . D, N, OR NS PACKAGE
L
H
Latch A and B
(TOP VIEW)
(A = B)
These four-data-line transceivers are designed for asynchronous two-way communications between data buses.
SN74LS243 can be used to drive terminated lines down to 133
Ω.
SN54LS243 is characterized for operation over the full military temperature range of –55°C to 125°C.
SN74LS243 is characterized for operation from 0°C to 70°C.
SCHEMATICS OF INPUTS AND OUTPUTS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1985–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN54LS243

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS243 MOTOROLA-SN54LS243 Datasheet
171Kb / 5P
QUAD BUS TRANSCEIVER
logo
Texas Instruments
SN54LS243 TI-SN54LS243 Datasheet
135Kb / 4P
QUADRUPLE BUS TRANSCEIVERS
SN54LS243 TI2-SN54LS243 Datasheet
673Kb / 18P
QUADRUPLE BUS TRANSCEIVERS
REVISED JULY 2008
SN54LS243FK TI-SN54LS243FK Datasheet
135Kb / 4P
QUADRUPLE BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS243J MOTOROLA-SN54LS243J Datasheet
171Kb / 5P
QUAD BUS TRANSCEIVER
More results

Similar Description - SN54LS243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26S10C TI-AM26S10C Datasheet
124Kb / 7P
QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
SN54LS242 TI-SN54LS242 Datasheet
135Kb / 4P
QUADRUPLE BUS TRANSCEIVERS
SN54LS440 TI-SN54LS440 Datasheet
288Kb / 7P
QUADRUPLE TRIDIRECTIONAL BUS TRANSCEIVERS
SN55138 TI-SN55138 Datasheet
243Kb / 13P
QUADRUPLE BUS TRANSCEIVERS
SN54LS446 TI-SN54LS446 Datasheet
230Kb / 7P
QUADRUPLE BUS TRANSCEIVERS WITH INDIVIDUAL DIRECTION CONTROLS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
Quadruple Bus Transceivers (with three-state outputs)
HD74LS243 RENESAS-HD74LS243 Datasheet
184Kb / 7P
Quadruple Bus Transceivers (with three-state outputs)
logo
Texas Instruments
AM26S10C TI-AM26S10C_08 Datasheet
540Kb / 13P
QUADRUPLE BUS TRANSCEIVERS
SN55138 TI1-SN55138_14 Datasheet
952Kb / 24P
QUADRUPLE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com