Electronic Components Datasheet Search
  English  ▼

X  

BQ2011 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2011
Description  Gas Gauge IC for High Discharge Rates
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2011 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2011 Datasheet HTML 2Page - Texas Instruments BQ2011 Datasheet HTML 3Page - Texas Instruments BQ2011 Datasheet HTML 4Page - Texas Instruments BQ2011 Datasheet HTML 5Page - Texas Instruments BQ2011 Datasheet HTML 6Page - Texas Instruments BQ2011 Datasheet HTML 7Page - Texas Instruments BQ2011 Datasheet HTML 8Page - Texas Instruments BQ2011 Datasheet HTML 9Page - Texas Instruments BQ2011 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Example: Selecting a PFC Value
Given:
Sense resistor = 0.005
Ω
Number of cells = 6
Capacity = 1300mAh, NiCd cells
Current range = 1A to 80A
Relative display mode
Self-discharge = C
64
Voltage drop over sense resistor = 5mV to 400mV
Therefore:
1300mAh * 0.005Ω = 6.5mVh
Select:
PFC = 34304 counts or 6.5mVh
PFC = Z (float)
MODE = not connected
The initial full battery capacity is 6.5mVh
(1300mAh) until the bq2011 “learns” a new capac-
ity with a qualified discharge from full to EDV.
6
bq2011
PFC
Programmed
Full Count (PFC)
mVh
Scale
MODE Pin
Display Mode
H
27648
10.5
1
2640
Floating
Relative
Z
34304
6.5
1
5280
L
44800
8.5
1
5280
H
42240
8.0
1
5280
Connected to LEDs
Absolute
Z
31744
6.0
1
5280
L
23808
4.5
1
5280
Table 1. bq2011 Programmed Full Count mVh Selections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com