Electronic Components Datasheet Search
  English  ▼

X  

BQ2011 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2011
Description  Gas Gauge IC for High Discharge Rates
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2011 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ2011 Datasheet HTML 8Page - Texas Instruments BQ2011 Datasheet HTML 9Page - Texas Instruments BQ2011 Datasheet HTML 10Page - Texas Instruments BQ2011 Datasheet HTML 11Page - Texas Instruments BQ2011 Datasheet HTML 12Page - Texas Instruments BQ2011 Datasheet HTML 13Page - Texas Instruments BQ2011 Datasheet HTML 14Page - Texas Instruments BQ2011 Datasheet HTML 15Page - Texas Instruments BQ2011 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
The valid discharge flag (VDQ) is asserted when the
bq2011 is discharged from NAC=LMD. The flag remains
set until either LMD is updated or one of three actions
that can clear VDQ occurs:
n
The self-discharge count register (SDCR) has
exceeded the maximum acceptable value (4096
counts) for an LMD update.
n
A valid charge action equal to 256 NAC counts with
VSRO < -400
µV.
n
The EDV flag was set at a temperature below 0°C
The VDQ values are:
Where VDQ is:
0
SDCR
≥ 4096, subsequent valid charge ac-
tion detected, or EDV is asserted with the
temperature less than 0°C
1
On first discharge after NAC = LMD
The end-of-discharge warning flag (EDV) warns the
user that the battery is empty. SEG1 blinks at a 4Hz
rate. EDV detection is disabled if VSR >VSR1. The EDV
flag is latched until a valid charge has been detected.
The EDV values are:
Where EDV is:
0
Valid charge action detected and VSB
≥
0.90V
1VSB < 0.90V providing that VSR < VSR1
Temperature and Gas Gauge Register
(TMPGG)
The read-only TMPGG register (address=02h) contains
two data fields. The first field contains the battery tem-
perature. The second field contains the available charge
from the battery.
The bq2011 contains an internal temperature sensor.
The temperature is used to set charge and discharge ef-
ficiency factors as well as to adjust the self-discharge co-
efficient.
The temperature register contents may be
translated as shown below.
The bq2011 calculates the available charge as a function
of NAC, temperature, and a full reference, either LMD
or PFC. The results of the calculation are available via
the display port or the gas gauge field of the TMPGG
register. The register is used to give available capacity
in 1
16 increments from 0 to
15
16.
12
bq2011
TMPGG Temperature Bits
7
6
5
4
3210
TMP3
TMP2
TMP1
TMP0
-
-
-
FLGS1 Bits
76
5
4
3
2
1
0
--
-
-
-
-
EDV
-
TMPGG Gas Gauge Bits
76
5
4
3
2
1
0
-
-
-
-
GG3
GG2
GG1
GG0
FLGS1 Bits
76
5
4
3
2
1
0
-
-
-
-
VDQ
-
-
-
TMP3
TMP2
TMP1
TMP0
Temperature
0000
T < -30°C
0001
-30°C < T < -20°C
0010
-20°C < T < -10°C
0011
-10°C < T < 0°C
0100
0°C < T < 10°C
0101
10°C < T < 20°C
0110
20°C < T < 30°C
0111
30°C < T < 40°C
1000
40°C < T < 50°C
1001
50°C < T < 60°C
1010
60°C < T < 70°C
1011
70°C < T < 80°C
1100
T > 80°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com