Electronic Components Datasheet Search
  English  ▼

X  

BQ2012 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2012
Description  Gas Gauge IC With Slow-Charge Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2012 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ2012 Datasheet HTML 4Page - Texas Instruments BQ2012 Datasheet HTML 5Page - Texas Instruments BQ2012 Datasheet HTML 6Page - Texas Instruments BQ2012 Datasheet HTML 7Page - Texas Instruments BQ2012 Datasheet HTML 8Page - Texas Instruments BQ2012 Datasheet HTML 9Page - Texas Instruments BQ2012 Datasheet HTML 10Page - Texas Instruments BQ2012 Datasheet HTML 11Page - Texas Instruments BQ2012 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Self-Discharge Estimation
The bq2012 continuously decrements NAC and increments
DCR for self-discharge based on time and temperature.
The self-discharge count rate is programmed to be a nomi-
nal 1
64
* NAC or
1
47
* NAC per day or disabled as selected
by PROG5. This is the rate for a battery whose tempera-
ture is between 20°–30°C. The NAC register cannot be
decremented below 0.
Count Compensations
The bq2012 determines fast charge when the NAC up-
dates at a rate of
≥2 counts/sec. Charge and discharge are
compensated for temperature and charge/discharge
rate before updating the NAC and/or DCR. Self-dis-
charge estimation is compensated for temperature be-
fore updating the NAC or DCR.
Charge Compensation
Two charge efficiency compensation factors are used for
trickle charge and fast charge. Fast charge is defined as
a rate of charge resulting in
≥ 2 NAC counts/sec (≥ 0.15C
to 0.32C depending on PFC selections; see Table 2). The
compensation defaults to the fast charge factor until the
actual charge rate is determined.
Temperature adapts the charge rate compensation factors
over three ranges between nominal, warm, and hot tem-
peratures. The compensation factors are shown below.
Discharge Compensation
Corrections for the rate of discharge are made by adjusting
an internal discharge compensation factor. The discharge
factor is based on the dynamically measured VSR. The
compensation factors during discharge are:
Temperature compensation during discharge also takes place.
At lower temperatures, the compensation factor increases by
0.05 for each 10°C temperature range below 10°C.
Compensation factor = 1.0 + (0.05 * N)
Where N = Number of 10°C steps below 10°C and
-150mV < VSR <0.
For example:
T > 10°C : Nominal compensation, N = 0
0°C<T< 10°C: N = 1 (i.e., 1.0 becomes 1.05)
-10°C<T<0°C: N=2 (i.e., 1.0 becomes 1.10)
-20°C<T< -10°C: N = 3 (i.e., 1.0 becomes 1.15)
-20°C<T< -30°C: N = 4 (i.e., 1.0 becomes 1.20)
Self-Discharge Compensation
The self-discharge compensation is programmed for a
nominal rate of 1
64
* NAC or
1
47
* NAC per day. This is
the rate for a battery within the 20–30°C temperature
range (TMPGG = 6x). This rate varies across 8 ranges
from <10°C to >70°C, doubling with each higher tem-
perature step (10°C). See Table 3.
Digital Magnitude Filter
The bq2012 has a programmable digital filter to eliminate
charge and discharge counting below a set threshold. The de-
fault setting is -0.30mV for VSRD and +0.38mV for VSRQ. The
proper digital filter setting can be calculated using the following
equation. Table 4 shows typical digital filter settings.
VSRD (mV) = -45 / DMF
VSRQ (mV) = -1.25 * VSRD
8
bq2012
Temperature
Step
Typical Rate
PROG5 = Z
PROG5 = L
< 10°C
NAC
256
NAC
188
10–20°C
NAC
128
NAC
94
20–30°C
NAC
64
NAC
47
30–40°C
NAC
32
NAC
23 5
.
40–50°C
NAC
16
NAC
11 8
.
50–60°C
NAC
8
NAC
588
.
Table 3. Self-Discharge Compensation
Charge
Temperature
Trickle Charge
Compensation
Fast Charge
Compensation
<30°C
0.80
0.95
30–40°C
0.75
0.90
> 40°C
0.65
0.80
Approximate
VSR Threshold
Discharge
Compensation
Factor
Efficiency
VSR > -150 mV
1.00
100%
VSR < -150 mV
1.05
95%
DMF
DMF
Hex.
VSRD
(mV)
VSRQ
(mV)
75
4B
-0.60
0.75
100
64
-0.45
0.56
150 (default)
96
-0.30
0.38
175
AF
-0.26
0.32
200
C8
-0.23
0.28
Table 4. Typical Digital Filter Settings
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com