Electronic Components Datasheet Search
  English  ▼

X  

BQ2012 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2012
Description  Gas Gauge IC With Slow-Charge Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2012 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ2012 Datasheet HTML 7Page - Texas Instruments BQ2012 Datasheet HTML 8Page - Texas Instruments BQ2012 Datasheet HTML 9Page - Texas Instruments BQ2012 Datasheet HTML 10Page - Texas Instruments BQ2012 Datasheet HTML 11Page - Texas Instruments BQ2012 Datasheet HTML 12Page - Texas Instruments BQ2012 Datasheet HTML 13Page - Texas Instruments BQ2012 Datasheet HTML 14Page - Texas Instruments BQ2012 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Command Register (CMDR)
The write-only CMDR register is accessed when eight
valid command bits have been received by the bq2012.
The CMDR register contains two fields:
I
W/R bit
I
Command address
The W/R bit of the command register is used to select
whether the received command is for a read or a write
function.
The W/R values are:
Where W/R is:
0
The bq2012 outputs the requested register
contents specified by the address portion of
CMDR.
1
The following eight bits should be written
to the register specified by the address por-
tion of CMDR.
The lower seven-bit field of CMDR contains the address
portion of the register to be accessed. Attempts to write
to invalid addresses are ignored.
Primary Status Flags Register (FLGS1)
The read-only FLGS1 register (address=01h) contains
the primary bq2012 flags.
The charge status flag (CHGS) is asserted when a
valid charge rate is detected.
Charge rate is deemed
valid when VSRO >VSRQ.A VSRO of less than VSRQ or
discharge activity clears CHGS.
The CHGS values are:
Where CHGS is:
0
Either discharge activity detected or VSRO <
VSRQ
1VSRO >VSRQ
The battery replaced flag (BRP) is asserted whenever
the potential on the SB pin (relative to VSS), VSB, falls
from above the maximum cell voltage, MCV (2.25V), or
rises above 0.1V.
The BRP flag is also set when the
bq2012 is reset (see the RST register description). BRP
is reset when either a valid charge action increments
NAC to be equal to LMD, or a valid charge action is de-
tected after the EDV1 flag is asserted. BRP = 1 signifies
that the device has been reset.
The BRP values are:
Where BRP is:
0
Battery is charged until NAC = LMD or dis-
charged until the EDV1 flag is asserted
1VSB dropping from above MCV, VSB rising
from below 0.1V, or a serial port initiated
reset has occurred
11
bq2012
FLGS1 Bits
76
5
4
3
2
1
0
CHGS
-
--
-
-
-
-
FLGS1 Bits
76
5
4
3
2
1
0
-
BRP
-
-
-
-
-
-
CMDR Bits
76
5
4
3
2
1
0
-
AD6 AD5
AD4
AD3
AD2
AD1
AD0
(LSB)
CMDR Bits
76
5
4
3
2
1
0
W/R
-
--
-
-
-
-
TD201201.eps
DQ
Break
0 0 0 0 0 0
1 0 1 0 0 1
Written by Host to bq2012
CMDR = 03h
Received by Host to bq2012
NAC = 65h
LSB
MSB
LSB
MSB
1
11 0
Figure 3. Typical Communication With the bq2012
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com