Electronic Components Datasheet Search
  English  ▼

X  

BQ2054SN Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2054SN
Description  Lithium Ion Fast-Charge IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2054SN Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ2054SN Datasheet HTML 4Page - Texas Instruments BQ2054SN Datasheet HTML 5Page - Texas Instruments BQ2054SN Datasheet HTML 6Page - Texas Instruments BQ2054SN Datasheet HTML 7Page - Texas Instruments BQ2054SN Datasheet HTML 8Page - Texas Instruments BQ2054SN Datasheet HTML 9Page - Texas Instruments BQ2054SN Datasheet HTML 10Page - Texas Instruments BQ2054SN Datasheet HTML 11Page - Texas Instruments BQ2054SN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Battery Insertion and Removal
VCELL is interpreted by the bq2054 to detect the pres-
ence or absence of a battery. The bq2054 determines
that a battery is present when VCELL is between the
High-Voltage Cutoff (VHCO =VREG + 0.25V) and
the Low-Voltage Cutoff (VLCO = 0.8V). When VCELL is
outside this range, the bq2054 determines that no bat-
tery is present and transitions to the Fault state. Tran-
sitions into and out of the range between VLCO and VHCO
are treated as battery insertions and removals, respec-
tively. The VHCO limit also implicitly serves as an over-
voltage charge termination.
Inrush Current Control
Whenever the bq2054 is in the fault or charge-complete
state, the ICTL output is driven low. This output can be
used to disconnect the capacitor usually present in the
charger across the positive and negative battery termi-
nals, preventing the cap from supplying large inrush
currents to a newly inserted battery. Such inrush cur-
rents may trip the overcurrent protection circuitry usu-
ally present in Li-Ion battery packs.
Temperature Monitoring
The bq2054 monitors temperature by examining the
voltage presented between the TS and SNS pins by a re-
sistor network that includes a Negative Temperature
Coefficient (NTC) thermistor.
Resistance variations
around that value are interpreted as being proportional
to the battery temperature (see Figure 6).
The temperature thresholds used by the bq2054 and
their corresponding TS pin voltage are:
n
TCO (Temperature Cutoff): Higher limit of the tem-
perature range in which charging is allowed. VTCO =
0.4*VCC
n
HTF (High-Temperature Fault): Threshold to which
temperature must drop after temperature cutoff is
exceeded before charging can begin again.
VHTF =
0.44 * VCC
n
LTF (Low-Temperature Fault):
Lower limit of the
temperature range in which charging is allowed.
VLTF =0.6*VCC
8
VCC
VLTF = 0.6VCC
VHTF = 0.44VCC
VTCO = 0.4VCC
Hotter
VSS
TCO
HTF
LTF
Colder
Figure 6. Voltage Equivalent
of Temperature
SNS
bq2054
7
13
VCC
12
BAT -
VSS
RSNS
RT2
RT1
VSS
VCC
TS
8
˚t
NTC
Thermistor
RT
Figure 5. Configuring
Temperature Sensing
bq2054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com