Electronic Components Datasheet Search
  English  ▼

X  

BQ2054SN Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2054SN
Description  Lithium Ion Fast-Charge IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2054SN Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ2054SN Datasheet HTML 9Page - Texas Instruments BQ2054SN Datasheet HTML 10Page - Texas Instruments BQ2054SN Datasheet HTML 11Page - Texas Instruments BQ2054SN Datasheet HTML 12Page - Texas Instruments BQ2054SN Datasheet HTML 13Page - Texas Instruments BQ2054SN Datasheet HTML 14Page - Texas Instruments BQ2054SN Datasheet HTML 15Page - Texas Instruments BQ2054SN Datasheet HTML 16Page - Texas Instruments BQ2054SN Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Impedance
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
RBATZ
BAT pin input impedance
50
-
-
M
Ω
RSNSZ
SNS pin input impedance
50
-
-
M
Ω
RTSZ
TS pin input impedance
50
-
-
M
Ω
RPROG1
Soft-programmed pull-up or pull-down
resistor value (for programming)
--
10
k
Ω
DSEL
RPROG2
Pull-up or pull-down resistor value
-
-
3
k
Ω
ITERM
RMTO
Charge timer resistor
20
-
480
k
Ω
Timing (TA = TOPR;VCC = 5V ±10%)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
tMTO
Charge time-out range
1
-
24
hours
See Figure 7
tQT
Pre-charge qual test time-out period
-
tMTO
--
tHO
Termination hold-off period
1.14
-
1.52
sec.
tIMIN
Min. current detect filter period
80
160
msec.
FPWM
PWM regulator frequency range
-
100
kHz
CPWM = 0.001
µF
(equation 7)
Capacitance
Symbol
Parameter
Minimum
Typical
Maximum
Unit
CMTO
Charge timer capacitor
-
-
0.1
µF
CPWM
PWM R-C capacitance
-
0.001
-
µF
bq2054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com