Electronic Components Datasheet Search
  English  ▼

X  

CC1020-RTR1 Datasheet(PDF) 30 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 26Page - Texas Instruments CC1020-RTR1 Datasheet HTML 27Page - Texas Instruments CC1020-RTR1 Datasheet HTML 28Page - Texas Instruments CC1020-RTR1 Datasheet HTML 29Page - Texas Instruments CC1020-RTR1 Datasheet HTML 30Page - Texas Instruments CC1020-RTR1 Datasheet HTML 31Page - Texas Instruments CC1020-RTR1 Datasheet HTML 32Page - Texas Instruments CC1020-RTR1 Datasheet HTML 33Page - Texas Instruments CC1020-RTR1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
5.9.4
Receiver Sensitivity Versus Data Rate and Frequency Separation
The receiver sensitivity depends on the channel filter bandwidth, data rate, data format, FSK frequency
separation and the RF frequency. Typical figures for the receiver sensitivity (BER = 10–3) are shown in
Table 5-6 and Table 5-7 for FSK. For best performance, the frequency deviation should be at least half
the baud rate in FSK mode.
The sensitivity is measured using the matching network shown in the application circuit in Figure 6-1,
which includes an external T/R switch.
Refer to AN029 CC1020/1021 Automatic Frequency Control (AFC) (SWRA063) for plots of sensitivity
versus frequency offset.
Table 5-6. Typical Receiver Sensitivity as a Function of Data Rate at 433 MHz, FSK Modulation,
BER = 10–3, Pseudo-random Data (PN9 Sequence)
SENSITIVITY [dBm]
CHANNEL
DATA RATE
DEVIATION
SPACING
FILTER BW
MANCHESTER
[kBaud]
[kHz]
NRZ MODE
UART MODE
[kHz]
MODE
2.4 optimized
12.5
±2.025
9.6
–115
–118
–115
sensitivity(1)
2.4 optimized
12.5
±2.025
12.288
–112
–114
–112
selectivity(1)
4.8
25
±2.475
19.2
–112
–112
–112
9.6
50
±4.95
25.6
–110
–111
–110
19.2
100
±9.9
51.2
–107
–108
–107
38.4
150
±19.8
102.4
–104
–104
–104
76.8
200
±36.0
153.6
–101
–101
–101
153.6
500
±72.0
307.2
–96
–97
–96
(1)
Optimized selectivity is relevant for systems targeting compliance with ARIB STD-T67, 12.5 kHz channel spacing.
Table 5-7. Typical Receiver Sensitivity as a Function of Data Rate at 868 MHz, FSK Modulation,
BER = 10–3, Pseudo-random Data (PN9 Sequence)
SENSITIVITY [dBm]
CHANNEL
DATA RATE
SPACING
DEVIATION [kHz]
FILTER BW
MANCHESTER
[kBaud]
NRZ MODE
UART MODE
[kHz]
MODE
2.4
12.5
±2.025
12.288
–112
–116
–112
4.8
25
±2.475
19.2
–111
–112
–111
9.6
50
±4.95
25.6
–109
–110
–109
19.2
100
±9.9
51.2
–107
–107
–107
38.4
150
±19.8
102.4
–103
–103
–103
76.8
200
±36.0
153.6
–99
–100
–99
153.6
500
±72.0
307.2
–94
–94
–94
30
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com