Electronic Components Datasheet Search
  English  ▼

X  

CC1020-RTR1 Datasheet(PDF) 31 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 27Page - Texas Instruments CC1020-RTR1 Datasheet HTML 28Page - Texas Instruments CC1020-RTR1 Datasheet HTML 29Page - Texas Instruments CC1020-RTR1 Datasheet HTML 30Page - Texas Instruments CC1020-RTR1 Datasheet HTML 31Page - Texas Instruments CC1020-RTR1 Datasheet HTML 32Page - Texas Instruments CC1020-RTR1 Datasheet HTML 33Page - Texas Instruments CC1020-RTR1 Datasheet HTML 34Page - Texas Instruments CC1020-RTR1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 95 page
background image
filter _ clock
RSSI
AGC _ AVG[1:0] 1
f
f
2
+
=
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
5.9.5
RSSI
CC1020 has a built-in RSSI (Received Signal Strength Indicator) giving a digital value that can be read
form the RSSI register. The RSSI reading must be offset and adjusted for VGA gain setting
(VGA_SETTING[4:0] in the VGA3 register).
The digital RSSI value is ranging from 0 to 106 (7 bits).
The RSSI reading is a logarithmic measure of the average voltage amplitude after the digital filter in the
digital part of the IF chain as shown in Equation 18.
RSSI = 4 log2(signal amplitude)
(18)
The relative power is then given by RSSI × 1.5 dB in a logarithmic scale.
The number of samples used to calculate the average signal amplitude is controlled by AGC_AVG[1:0] in
the VGA2 register. The RSSI update rate is given by Equation 19.
(19)
Where:
AGC_AVG[1:0] is set in the VGA2 register.
ffilter_clock = 2 × ChBW.
Maximum VGA gain is programmed by the VGA_SETTING[4:0] bits. The VGA gain is programmed in
approximately 3 dB/LSB. The RSSI measurement can be referred to the power (absolute value) at the
RF_IN pin by using the Equation 20.
P = 1.5 × RSSI – 3 × VGA_SETTING – RSSI_Offset [dBm]
(20)
The RSSI_Offset depends on the channel filter bandwidth used due to different VGA settings. Figure 5-11
and Figure 5-12 show typical plots of RSSI reading as a function of input power for different channel
spacings. See Section 5.9.5 for a list of channel filter bandwidths corresponding to the various channel
spacings. Refer to AN030 CC1020/1021 Received Signal Strength Indicator (SWRA062) for further
details.
The method shown in Equation 21 can be used to calculate the power (P) in dBm from the RSSI readout
values in Figure 5-11 and Figure 5-12.
P = 1.5 × [RSSI – RSSI_ref] + P_ref
(21)
Where:
P is the output power in dBm for the current RSSI readout value.
RSSI_ref is the RSSI readout value taken from Figure 5-11 or Figure 5-12 for an input power level of
P_ref.
NOTE
The RSSI reading in decimal value changes for different channel filter bandwidths.
The analog filter has a finite dynamic range and is the reason why the RSSI reading is saturated at lower
channel spacings. Higher channel spacing is typically used for high frequency deviation and data rates.
The analog filter bandwidth is about 160 kHz and is bypassed for high frequency deviation and data rates
and is the reason why the RSSI reading is not saturated for 200 kHz and 500 kHz channel spacing in
Figure 5-11 and Figure 5-12.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
31
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com