Electronic Components Datasheet Search
  English  ▼

X  

CC1100 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100
Description  Low-Power Sub- 1 GHz RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1100 Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC1100 Datasheet HTML 45Page - Texas Instruments CC1100 Datasheet HTML 46Page - Texas Instruments CC1100 Datasheet HTML 47Page - Texas Instruments CC1100 Datasheet HTML 48Page - Texas Instruments CC1100 Datasheet HTML 49Page - Texas Instruments CC1100 Datasheet HTML 50Page - Texas Instruments CC1100 Datasheet HTML 51Page - Texas Instruments CC1100 Datasheet HTML 52Page - Texas Instruments CC1100 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
CC1100
SWRS038D
Page 49 of 92
23
Voltage Regulators
CC1100 contains several on-chip linear voltage
regulators, which generate the supply voltage
needed
by
low-voltage
modules.
These
voltage regulators are invisible to the user, and
can be viewed as integral parts of the various
modules. The user must however make sure
that the absolute maximum ratings and
required pin voltages in Table 1 and Table 13
are not exceeded. The voltage regulator for
the
digital
core
requires
one
external
decoupling capacitor.
Setting the CSn pin low turns on the voltage
regulator to the digital core and starts the
crystal oscillator. The SO pin on the SPI
interface must go low before the first positive
edge of SCLK. (setup time is given in Table
16).
If the chip is programmed to enter power-down
mode, (SPWD strobe issued), the power will be
turned off after CSn goes high. The power and
crystal oscillator will be turned on again when
CSn goes low.
The voltage regulator output should only be
used for driving the
CC1100.
24
Output Power Programming
The RF output power level from the device
has
two
levels
of
programmability,
as
illustrated in Figure 22. Firstly, the special
PATABLE
register can hold up to eight user
selected output power settings. Secondly, the
3-bit FREND0.PA_POWER value selects the
PATABLE
entry to use. This two-level
functionality provides flexible PA power ramp
up and ramp down at the start and end of
transmission, as well as ASK modulation
shaping. All the PA power settings in the
PATABLE
from
index
0
up
to
the
FREND0.PA_POWER
value are used.
The power ramping at the start and at the end
of a packet can be turned off by setting
FREND0.PA_POWER
to
zero
and
then
program the desired output power to index 0 in
the PATABLE.
If OOK modulation is used, the logic 0 and
logic 1 power levels shall be programmed to
index 0 and 1 respectively.
Table 30 contains recommended PATABLE
settings
for
various
output
levels
and
frequency bands. Using PA settings from 0x61
to 0x6F is not recommended. See Section
10.6 on page 28 for PATABLE programming
details.
Table 31 contains output power and current
consumption for default PATABLE
setting
(0xC6). PATABLE must be programmed in
burst mode if you want to write to other entries
than PATABLE[0].
Note that all content of the PATABLE, except
for the first byte (index 0) is lost when entering
the SLEEP state.
315 MHz
433 MHz
868 MHz
915 MHz
Output
Power
[dBm]
Setting
Current
Consumption,
Typ. [mA]
Setting
Current
Consumption,
Typ. [mA]
Setting
Current
Consumption,
Typ. [mA]
Setting
Current
Consumption,
Typ. [mA]
-30
0x04
10.6
0x04
11.5
0x03
11.9
0x11
11.8
-20
0x17
11.1
0x17
12.1
0x0D
12.4
0x0D
12.3
-15
0x1D
11.8
0x1C
12.7
0x1C
13.0
0x1C
13.0
-10
0x26
13.0
0x26
14.0
0x34
14.5
0x26
14.3
-5
0x57
12.9
0x57
13.7
0x57
14.1
0x57
13.9
0
0x60
14.8
0x60
15.6
0x8E
16.9
0x8E
16.7
5
0x85
18.1
0x85
19.1
0x85
20.0
0x83
19.9
7
0xCB
22.1
0xC8
24.2
0xCC
25.8
0xC9
25.8
10
0xC2
27.1
0xC0
29.2
0xC3
31.1
0xC0
32.3
Table 30: Optimum PATABLE Settings for Various Output Power Levels and Frequency Bands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com