Electronic Components Datasheet Search
  English  ▼

X  

CC1100 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100
Description  Low-Power Sub- 1 GHz RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1100 Datasheet(HTML) 51 Page - Texas Instruments

Back Button CC1100 Datasheet HTML 47Page - Texas Instruments CC1100 Datasheet HTML 48Page - Texas Instruments CC1100 Datasheet HTML 49Page - Texas Instruments CC1100 Datasheet HTML 50Page - Texas Instruments CC1100 Datasheet HTML 51Page - Texas Instruments CC1100 Datasheet HTML 52Page - Texas Instruments CC1100 Datasheet HTML 53Page - Texas Instruments CC1100 Datasheet HTML 54Page - Texas Instruments CC1100 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
CC1100
SWRS038D
Page 51 of 92
Output Power [dBm]
PATABLE Setting
315 MHz
433 MHz
868 MHz
915 MHz
0x00
-62.0
-62.0
-57.1
-56.0
0x30
-41.7
-39.0
-33.6
-33.1
0x31
-21.8
-21.7
-21.2
-21.0
0x32
-16.2
-16.1
-16.0
-15.8
0x33
-12.8
-12.7
-12.7
-12.5
0x34
-10.5
-10.4
-10.5
-10.3
0x35
-8.6
-8.5
-8.7
-8.5
0x36
-7.2
-7.1
-7.4
-7.2
0x37
-5.9
-5.8
-6.2
-6.0
0x38
-4.8
-4.9
-5.3
-5.1
0x39
-3.9
-4.0
-4.5
-4.3
0x3A
-3.2
-3.3
-3.8
-3.7
0x3B
-2.5
-2.7
-3.3
-3.1
0x3C
-2.1
-2.3
-2.8
-2.7
0x3D
-1.7
-1.9
-2.5
-2.3
0x3E
-1.3
-1.6
-2.1
-2.0
0x3F
-1.1
-1.3
-1.9
-1.7
Table 32: PATABLE Settings used together with ASK Shaping and PA Ramping
Assume working in the 433 MHz and using
FSK. The desired output power is -10 dBm.
Figure 24 shows how the PATABLE should
look like in the two cases where no ramping is
used (A) and when PA ramping is being
implemented (B). In case A, the PATABLE
value is taken from Table 30, while in case B,
the values are taken from Table 32.
PATABLE[7] = 0x00
PATABLE[6] = 0x00
PATABLE[5] = 0x00
PATABLE[4] = 0x00
PATABLE[3] = 0x00
PATABLE[2] = 0x00
PATABLE[1] = 0x00
PATABLE[0] = 0x26
FREND0.PA_POWER = 0
PATABLE[7] = 0x00
PATABLE[6] = 0x00
PATABLE[5] = 0x34
PATABLE[4] = 0x33
PATABLE[3] = 0x32
PATABLE[2] = 0x31
PATABLE[1] = 0x30
PATABLE[0] = 0x00
FREND0.PA_POWER = 5
A: Output Power = -10 dBm,
No PA Ramping
B: Output Power = -10 dBm,
PA Ramping
Figure 24: PA Ramping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com