Electronic Components Datasheet Search
  English  ▼

X  

CC1150RGVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC1150RGVT
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150RGVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC1150RGVT Datasheet HTML 17Page - Texas Instruments CC1150RGVT Datasheet HTML 18Page - Texas Instruments CC1150RGVT Datasheet HTML 19Page - Texas Instruments CC1150RGVT Datasheet HTML 20Page - Texas Instruments CC1150RGVT Datasheet HTML 21Page - Texas Instruments CC1150RGVT Datasheet HTML 22Page - Texas Instruments CC1150RGVT Datasheet HTML 23Page - Texas Instruments CC1150RGVT Datasheet HTML 24Page - Texas Instruments CC1150RGVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
The preamble pattern is an alternating sequence of ones and zeros (01010101…). The number of
preamble bytes is programmed with the MDMCFG1.NUM_PREAMBLE value. When enabling TX, the
modulator will start transmitting the preamble. When the programmed number of preamble bytes has been
transmitted, the modulator will send the sync word and then data from the TX FIFO if data is available. If
the TX FIFO is empty, the modulator will continue to send preamble bytes until the first byte is written to
the TX FIFO. The modulator will then send the sync word and then the data bytes.
The synchronization word is a two-byte value set in the SYNC1 and SYNC0 registers. The sync word
provides byte synchronization of the incoming packet. A one-byte synch word can be emulated by setting
the SYNC1 value to the preamble pattern. It is also possible to emulate a 32 bit sync word by using
MDMCFG2.SYNC_MODE set to 3 or 7. The sync word will then be repeated twice.
C1150 supports both fixed packet length protocols and variable packet length protocols. Variable or fixed
packet length mode can be used for packets up to 255 bytes. For longer packets, infinite packet length
mode must be used.
Fixed packet length mode is selected by setting PKTCTRL0.LENGTH_CONFIG=0. The desired packet
length is set by the PKTLEN register. In variable packet length mode PKTCTRL0.LENGTH_CONFIG=1,
the packet length is configured by the first byte after the sync word. The packet length is defined as the
payload data, excluding the length byte and the optional automatic CRC.
With PKTCTRL0.LENGTH_CONFIG=2, the packet length is set to infinite and transmission will continue
until turned off manually. The infinite mode can be turned off while a packet is being transmitted. As
described in Section 5.8.2.1, this can be used to support packet formats with different length configuration
than natively supported by CC1150. One should make sure that TX mode is not turned off during the
transmission of the first half of any byte. Refer to the CC1150 Errata Notes [8] for more details.
NOTE
The minimum packet length supported (excluding the optional length byte and CRC) is one
byte of payload data.
5.8.2.1
Arbitrary Length Field Configuration
The packet automation control register, PKTCTRL0, can be reprogrammed during TX. This opens the
possibility to transmit packets that are longer than 256 bytes and still be able to use the packet handling
hardware support. At the start of the packet, the infinite mode (PKTCTRL0.LENGTH_CONFIG=2) must be
active. The PKTLEN register is set to mod(length, 256). When less than 256 bytes remains of the packet,
the MCU disables infinite packet length and activates fixed length packets. When the internal byte counter
reaches the PKTLEN value, the transmission ends (the radio enters the state determined by
TXOFF_MODE). Automatic CRC appending can be used (by setting PKTCTRL0.CRC_EN=1).
When, for example, a 600-byte packet is to be transmitted, the MCU should do the following (see also
Figure 5-9):
•
Set PKTCTRL0.LENGTH_CONFIG=2.
•
Pre-program the PKTLEN register to mod(600,256)=88.
•
Transmit at least 345 bytes, for example by filling the 64-byte TX FIFO six times (384 bytes
transmitted).
•
Set PKTCTRL0.LENGTH_CONFIG=0.
•
The transmission ends when the packet counter reaches 88. A total of 600 bytes are transmitted.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
21
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com