Electronic Components Datasheet Search
  English  ▼

X  

CC1150RGVT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CC1150RGVT
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150RGVT Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC1150RGVT Datasheet HTML 25Page - Texas Instruments CC1150RGVT Datasheet HTML 26Page - Texas Instruments CC1150RGVT Datasheet HTML 27Page - Texas Instruments CC1150RGVT Datasheet HTML 28Page - Texas Instruments CC1150RGVT Datasheet HTML 29Page - Texas Instruments CC1150RGVT Datasheet HTML 30Page - Texas Instruments CC1150RGVT Datasheet HTML 31Page - Texas Instruments CC1150RGVT Datasheet HTML 32Page - Texas Instruments CC1150RGVT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
The calibration takes a constant number of XOSC cycles; see Table 5-6 for timing details. When TX is
active, the chip will remain in the TX state until the current packet has been successfully transmitted. Then
the state will change as indicated by the MCSM1.TXOFF_MODE setting. The possible destinations are:
•
IDLE
•
FSTXON: Frequency synthesizer on and ready at the TX frequency. Activate TX with STX.
•
TX: Start sending preambles
The SIDLE command strobe can always be used to force the radio controller to go to the IDLE state. Note
that if the radio goes from TX to IDLE by issuing an SIDLE strobe, the automatic calibration-when-going-
from-TX-to-IDLE will not be performed.
5.11.5 Timing
The radio controller controls most timing in CC1150, such as synthesizer calibration and PLL lock.
Table 5-6 shows timing in crystal clock cycles for key state transitions. Timing from IDLE to TX is
constant, dependent on the auto calibration setting. The calibration time is constant 18739 clock periods.
Power on time and XOSC start-up times are variable, but within the limits stated in Section 4.7.
NOTE
In a frequency hopping spread spectrum or a multi-channel protocol, the calibration time can
be reduced from 721 µs to approximately 150 µs. This is explained in Section 5.19.2.
Table 5-6. State Transition Timing
DESCRIPTION
XOSC PERIODS
26 MHz CRYSTAL
Idle to TX/FSTXON, no calibration
2298
88.4 µs
Idle to TX/FSTXON, with calibration
≈ 21037
809 µs
TX to IDLE, no calibration
2
0.1 µs
TX to IDLE, including calibration
≈ 18739
721 µs
Manual calibration
≈ 18739
721 µs
5.12 Data FIFO
The CC1150 contains a 64 byte FIFO for data to be transmitted. The SPI interface is used for writing to
the TX FIFO. Section 10.5 contains details on the SPI FIFO access. The FIFO controller will detect
underflow in the TX FIFO.
When writing to the TX FIFO, it is the responsibility of the MCU to avoid TX FIFO overflow. This will not be
detected by the CC1150. A TX FIFO overflow will result in an error in the TX FIFO content.
Table 5-7. FIFO_THR Settings
and the Corresponding FIFO
Thresholds
BYTES in TX
FIFO_THR
FIFO
0000
61
0001
57
0010
53
0011
49
0100
45
0101
41
0110
37
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
29
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com