Electronic Components Datasheet Search
  English  ▼

X  

CC3000YFVT Datasheet(PDF) 8 Page - Texas Instruments

Part # CC3000YFVT
Description  Module ??Wi-Fi 802.11b/g Network Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3000YFVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC3000YFVT Datasheet HTML 4Page - Texas Instruments CC3000YFVT Datasheet HTML 5Page - Texas Instruments CC3000YFVT Datasheet HTML 6Page - Texas Instruments CC3000YFVT Datasheet HTML 7Page - Texas Instruments CC3000YFVT Datasheet HTML 8Page - Texas Instruments CC3000YFVT Datasheet HTML 9Page - Texas Instruments CC3000YFVT Datasheet HTML 10Page - Texas Instruments CC3000YFVT Datasheet HTML 11Page - Texas Instruments CC3000YFVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CC3000
SWRS126 – NOVEMBER 2012
www.ti.com
Table 4 lists the SPI timing parameters.
Table 4. SPI Timing Parameters
Symbol
Parameter(1)(2)
Min
Max
Unit
Tclk
Clock period
62.5
ns
High pulse width
Tp
(including jitter and duty
25(3)
37.5(3)
ns
cycle)
RX setup time; minimum
time in which data is
tis
5
ns
stable before capture
edge
RX hold time; minimum
tih
time in which data is
5
stable after capture edge
TX setup propagation
time; maximum time from
tos
10.2
launch edge until data is
stable
TX hold propagation time;
toh
minimum time of data
3
stable after launch edge
Capacitive load on
CL
20
pF
interface
(1)
The SPI_CS signal is considered to be asynchronous.
(2)
In this example, launch is on the rising edge, and capture is on the falling edge. The opposite scheme can be configured.
(3)
40% to 60% DC (valid for the minimum clock period)
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CC3000
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com