Electronic Components Datasheet Search
  English  ▼

X  

CC3000YFVT Datasheet(PDF) 13 Page - Texas Instruments

Part # CC3000YFVT
Description  Module ??Wi-Fi 802.11b/g Network Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3000YFVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC3000YFVT Datasheet HTML 9Page - Texas Instruments CC3000YFVT Datasheet HTML 10Page - Texas Instruments CC3000YFVT Datasheet HTML 11Page - Texas Instruments CC3000YFVT Datasheet HTML 12Page - Texas Instruments CC3000YFVT Datasheet HTML 13Page - Texas Instruments CC3000YFVT Datasheet HTML 14Page - Texas Instruments CC3000YFVT Datasheet HTML 15Page - Texas Instruments CC3000YFVT Datasheet HTML 16Page - Texas Instruments CC3000YFVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SWRS126-015
Via stitching
beside RF
trace
Antenna on
the edge
of PCB
No trace and
ground under
antenna section
No sharp
corner
Constant
impedance for
RF trace
Top layer
Bottom layer
CC3000
www.ti.com
SWRS126 – NOVEMBER 2012
DESIGN RECOMMENDATIONS
This section describes the layout recommendations for the CC3000 module, RF trace, and antenna.
Antenna
The ACX ceramic antenna is mounted on the CC3000 EVM board with a specific layout and matching circuit for
the radiation test conducted in FCC, CE and IC certifications. Figure 10 shows the location of the antenna on the
EVM board as well as the RF trace routing from the CC3000 module.
Figure 10. RF Trace and Antenna Design for PCB Layout
Module Layout Recommendations
Observe the following module layout recommendations (see also Figure 11):
•
Have a solid ground plane and ground vias under the module for stable system and thermal dissipation.
•
Do not run signal traces underneath the module on a layer where the module is mounted.
•
Signal traces can be run on a third layer under the solid ground layer and beneath the module mounting
layer.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CC3000
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com