Electronic Components Datasheet Search
  English  ▼

X  

COP8SAC720 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAC720
Description  8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAC720 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button COP8SAC720 Datasheet HTML 36Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 37Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 38Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 39Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 40Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 41Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 42Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 43Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
13.0 Instruction Set
13.1 INTRODUCTION
This section defines the instruction set of the COP8SAx
Family members. It contains information about the instruc-
tion set features, addressing modes and types.
13.2 INSTRUCTION FEATURES
The strength of the instruction set is based on the follow-
ing features:
•
Mostly single-byte opcode instructions minimize pro-
gram size.
•
One instruction cycle for the majority of single-byte in-
structions to minimize program execution time.
•
Many single-byte, multiple function instructions such
as DRSZ.
•
Three memory mapped pointers: two for register indi-
rect addressing, and one for the software stack.
•
Sixteen memory mapped registers that allow an opti-
mized implementation of certain instructions.
•
Ability to set, reset, and test any individual bit in data
memory
address
space,
including
the
memory-mapped I/O ports and registers.
•
Register-Indirect LOAD and EXCHANGE instructions
with optional automatic post-incrementing or decre-
menting of the register pointer. This allows for greater
efficiency (both in cycle time and program code) in
loading, walking across and processing fields in data
memory.
•
Unique instructions to optimize program size and
throughput efficiency. Some of these instructions are
DRSZ, IFBNE, DCOR, RETSK, VIS and RRC.
12.3 ADDRESSING MODES
The instruction set offers a variety of methods for specify-
ing memory addresses. Each method is called an ad-
dressing mode. These modes are classified into two cat-
egories:
operand
addressing
modes
and
transfer-of-control addressing modes. Operand address-
ing modes are the various methods of specifying an ad-
dress
for
accessing
(reading
or
writing)
data.
Transfer-of-control addressing modes are used in con-
junction with jump instructions to control the execution se-
quence of the software program.
13.3.1 Operand Addressing Modes
The operand of an instruction specifies what memory lo-
cation is to be affected by that instruction. Several differ-
ent operand addressing modes are available, allowing
memory locations to be specified in a variety of ways. An
instruction can specify an address directly by supplying
the specific address, or indirectly by specifying a register
pointer. The contents of the register (or in some cases,
two registers) point to the desired memory location. In the
immediate mode, the data byte to be used is contained in
the instruction itself.
Each addressing mode has its own advantages and dis-
advantages with respect to flexibility, execution speed,
and program compactness. Not all modes are available
with all instructions. The Load (LD) instruction offers the
largest number of addressing modes.
The available addressing modes are:
•
Direct
•
Register B or X Indirect
•
Register B or X Indirect with Post-Incrementing/
Decrementing
•
Immediate
•
Immediate Short
•
Indirect from Program Memory
The addressing modes are described below. Each de-
scription includes an example of an assembly language
instruction using the described addressing mode.
Direct. The memory address is specified directly as a byte
in the instruction. In assembly language, the direct ad-
dress is written as a numerical value (or a label that has
been defined elsewhere in the program as a numerical
value).
Example: Load Accumulator Memory Direct
LD A,05
Reg/Data
Contents
Contents
Memory
Before
After
Accumulator
XX Hex
A6 Hex
Memory Location
A6 Hex
A6 Hex
0005 Hex
Register B or X Indirect. The memory address is specified
by the contents of the B Register or X register (pointer regis-
ter). In assembly language, the notation [B] or [X] specifies
which register serves as the pointer.
Example: Exchange Memory with Accumulator, B Indirect
X A,[B]
Reg/Data
Contents
Contents
Memory
Before
After
Accumulator
01 Hex
87 Hex
Memory Location
87 Hex
01 Hex
0005 Hex
B Pointer
05 Hex
05 Hex
Register B or X Indirect with Post-Incrementing/
Decrementing. The relevant memory address is specified
by the contents of the B Register or X register (pointer regis-
ter). The pointer register is automatically incremented or
decremented after execution, allowing easy manipulation of
memory blocks with software loops. In assembly language,
the notation [B+], [B−], [X+], or [X−] specifies which register
serves as the pointer, and whether the pointer is to be incre-
mented or decremented.
Example: Exchange Memory with Accumulator, B Indirect
with Post-Increment
X A,[B+]
Reg/Data
Contents
Contents
Memory
Before
After
Accumulator
03 Hex
62 Hex
Memory Location
62 Hex
03 Hex
0005 Hex
B Pointer
05 Hex
06 Hex
Intermediate. The data for the operation follows the instruc-
tion opcode in program memory. In assembly language, the
number sign character (#) indicates an immediate operand.
www.national.com
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com