Electronic Components Datasheet Search
  English  ▼

X  

COP8SAC720 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAC720
Description  8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAC720 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button COP8SAC720 Datasheet HTML 12Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 13Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 14Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 15Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 16Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 17Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 18Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 19Page - National Semiconductor (TI) COP8SAC720 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
6.0 Functional Description (Continued)
The instruction set permits any bit in memory to be set, reset
or tested. All I/O and registers (except A and PC) are
memory mapped; therefore, I/O bits and register bits can be
directly and individually set, reset and tested. The accumula-
tor (A) bits can also be directly and individually tested.
RAM contents are undefined upon power-up.
TABLE 1. Program/Data Memory Sizes
Program
Data
User
Device
Memory
Memory
Storage
(Bytes)
(Bytes)
(Bytes)
COP8SAA7
1024
64
8
COP8SAB7
2048
128
8
COP8SAC7
4096
128
8
6.4 ECON (CONFIGURATION) REGISTER
The ECON register is used to configure the user selectable
clock, security, power-on reset, WATCHDOG, and HALT op-
tions. The register can be programmed and read only in
EPROM programming mode. Therefore, the register should
be programmed at the same time as the program memory.
The contents of the ECON register shipped from the factory
read 00 Hex (windowed device), 80 Hex (OTP device) or as
specified by the customer (ROM device).
The format of the ECON register is as follows:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
POR
SECURITY
CKI 2
CKI 1
WATCH
Reserved
HALT
DOG
Bit 7
= x
This is for factory test. The polarity is al-
ways 0.
Bit 6
= 1
Power-on reset enabled.
= 0
Power-on reset disabled.
Bit 5
= 1
Security enabled. EPROM read and write
are not allowed.
= 0
Security disabled. EPROM read and write
are allowed.
Bits 4, 3 = 0, 0 External CKI option selected. G7 is avail-
able as a HALT restart and/or general pur-
pose input. CKI is clock input.
= 0, 1 R/C oscillator option selected. G7 is avail-
able as a HALT restart and/or general pur-
pose input. CKI clock input. Internal R/C
components are supplied for maximum
R/C frequency.
= 1, 0 Crystal oscillator with on-chip crystal bias
resistor disabled. G7 (CKO) is the clock
generator output to crystal/resonator.
= 1, 1 Crystal oscillator with on-chip crystal bias
resistor enabled. G7 (CKO) is the clock
generator output to crystal/resonator.
Bit 2
= 1
WATCHDOG feature disabled. G1 is a
general purpose I/O.
= 0
WATCHDOG feature enabled. G1 pin is
WATCHDOG output with waek pullup.
Bit 1
=
Reserved.
Bit 0
= 1
HALT mode disabled.
= 0
HALT mode enabled.
6.5 USER STORAGE SPACE IN EPROM
In addition to the ECON register, there are 8 bytes of
EPROM available for “user information”. ECON and these 8
bytes are outside of the code area and are not protected by
the security bit of the ECON register. Even when security is
set, information in the 8-byte USER area is both read and
write enabled allowing the user to read from and write into
the area at all times while still protecting the code from unau-
thorized access.
Both ECON and USER area, 9 bytes total, are outside of the
normal address range of the EPROM and can not be ac-
cessed by the executing software. This allows for the stor-
age of non-secured information. Typical uses are for storage
of serial numbers, data codes, version numbers, copyright
information, lot numbers, etc.
The COP8 assembler defines a special ROM section type,
CONF, into which the ECON and USER data may be coded.
Both ECON and User Data are programmed automatically
by programmers that are certified by National.
The following examples illustrate the declaration of ECON
and the User information.
Syntax:
[label:] .sect econ, conf
.db
value
;1 byte,
;configures options
.db
.endsect<user information>
;up to 8 bytes
Example: The following sets a value in the ECON register
and User Identification for a COP8SAC728M7. The ECON
bit values shown select options: Power-on enabled, Security
disabled, Crystal oscillator with on-chip bias disabled,
WATCHDOG enabled and HALT mode enabled.
.chip 8SAC
.sect econ, conf
.db
0x55
;por, extal, wd, halt
.db
'my v1.00'
;user data declaration
.endsect
...
.end start
Note: All programmers certified for programming this family of parts will sup-
port programming of the CONFiguration section. Please contact Na-
tional or your device programmer supplier for more information.
6.6 OTP SECURITY
The device has a security feature that, when enabled, pre-
vents external reading of the OTP program memory. The se-
curity bit in the ECON register determines, whether security
is enabled or disabled. If the security feature is disabled, the
contents of the internal EPROM may be read.
If the security feature is enabled, then any attempt to ex-
ternally read the contents of the EPROM will result in the
value FF Hex being read from all program locations. Un-
der no circumstances can a secured part be read. In ad-
dition, with the security feature enabled, the write operation
to the EPROM program memory and ECON register is inhib-
ited. The ECON register is readable regardless of the state
of the security bit. The security bit, when set, cannot be
erased, even in windowed packages. If the security bit is
set in a device in a windowed package, that device may be
erased but will not be further programmable.
If security is being used, it is recommended that all other bits
in the ECON register be programmed first. Then the security
bit can be programmed.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com