Electronic Components Datasheet Search
  English  ▼

X  

DP83223 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83223
Description  TWISTER High Speed Networking Transceiver Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83223 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83223 Datasheet HTML 6Page - National Semiconductor (TI) DP83223 Datasheet HTML 7Page - National Semiconductor (TI) DP83223 Datasheet HTML 8Page - National Semiconductor (TI) DP83223 Datasheet HTML 9Page - National Semiconductor (TI) DP83223 Datasheet HTML 10Page - National Semiconductor (TI) DP83223 Datasheet HTML 11Page - National Semiconductor (TI) DP83223 Datasheet HTML 12Page - National Semiconductor (TI) DP83223 Datasheet HTML 13Page - National Semiconductor (TI) DP83223 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
4.0 DC and AC Specifications (Continued)
11
Figure 4-2. Post Equalized Signal Detect Voltage
Figure 4-3.
Typical Schematic for 100BASE-TX signalling over Cat-5 UTP 100
Ω cable
Active PMID
Inactive PMID
SDTHoff
SDTHon
Post Equalized Signal Detect Voltage
DP83223
TXO+
TXGND
TXO-
GND
TXREF
RXI-
RXI+
SD+
SD-
ENCSEL
PMRD+
PMRD-
RXGND
EQSEL
LBEN
PMID+
PMID-
RREF
RJ-45
CDET
EXTVCC
VCC
TXVCC
RXVCC
VCC
Contact National Semiconductor
for further information relating to
available magnetics modules
VCC
FB
GND
Data from
PHY
Device
SD To PHY
Device
Data to PHY or
Clock Recovery
The PMRD, SD and PMID 100K ECL differential signal must be
terminated into a standard ECL load of 50
Ω to VCC-2.0V or equivalent:
i.e. Thevenin of 130
Ω to GND accompanied by 82Ω to VCC
= Murata # BLM31A02PT (1206 package)
FB
*510
Ω
1
2
3
4
5
6
7
8
Transmit
Magnetics
Receive
Magnetics
float
37.9
Ω
All resistors are 1/10th Wt, 1% tolerance
Device
37.9
Ω
12.1
Ω 12.1Ω
0.01uF
0.01uF
50
Ω
50
Ω
0.01uF
The Receive Attenuation / Termination network
must be optimized to compensate for the insertion
loss of the receive magnetics.
Please refer to the National Semiconductor Application Note
entitled “DP83223 Adaptive Equalization Considerations”
for further detail. The values provided in this example
are targeted to match an insertion loss of approximately
0.4dB (approximately 90mV pk-pk differential of loss for
a typical scrambled IDLE line state) which will result in
All capacitors are 16V ceramic
Common Mode Noise Filter
*The Rref resistor value may need to be adjusted
to compensate for transmit magnetics insertion
loss in order to achieve the standard specific
2.0V pk-pk differential TXO+/- output amplitude
as measured across the RJ45 transmit pins.
a final amplitude of approximately 1.45V pk-pk differential
as seen across the RXI+/- inputs for zero Meters of cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com