Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara Processors
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4376 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 67Page - Texas Instruments AM4376 Datasheet HTML 68Page - Texas Instruments AM4376 Datasheet HTML 69Page - Texas Instruments AM4376 Datasheet HTML 70Page - Texas Instruments AM4376 Datasheet HTML 71Page - Texas Instruments AM4376 Datasheet HTML 72Page - Texas Instruments AM4376 Datasheet HTML 73Page - Texas Instruments AM4376 Datasheet HTML 74Page - Texas Instruments AM4376 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 266 page
background image
71
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851C – JUNE 2014 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379
Terminal Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
Table 4-23. RGMII1 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN [4]
rgmii1_rd1
RGMII Receive Data bit 1
I
B16
rgmii1_rd2
RGMII Receive Data bit 2
I
E16
rgmii1_rd3
RGMII Receive Data bit 3
I
C14
rgmii1_tclk
RGMII Transmit Clock
O
D14
rgmii1_tctl
RGMII Transmit Control
O
A13
rgmii1_td0
RGMII Transmit Data bit 0
O
B15
rgmii1_td1
RGMII Transmit Data bit 1
O
A14
rgmii1_td2
RGMII Transmit Data bit 2
O
C13
rgmii1_td3
RGMII Transmit Data bit 3
O
C16
Table 4-24. RGMII2 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN [4]
rgmii2_rclk
RGMII Receive Clock
I
F6
rgmii2_rctl
RGMII Receive Control
I
C5
rgmii2_rd0
RGMII Receive Data bit 0
I
D8
rgmii2_rd1
RGMII Receive Data bit 1
I
G8
rgmii2_rd2
RGMII Receive Data bit 2
I
B4
rgmii2_rd3
RGMII Receive Data bit 3
I
F7
rgmii2_tclk
RGMII Transmit Clock
O
E8
rgmii2_tctl
RGMII Transmit Control
O
C3
rgmii2_td0
RGMII Transmit Data bit 0
O
E7
rgmii2_td1
RGMII Transmit Data bit 1
O
D7
rgmii2_td2
RGMII Transmit Data bit 2
O
A4
rgmii2_td3
RGMII Transmit Data bit 3
O
C6
Table 4-25. RMII1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN [4]
rmii1_crs_dv
RMII Carrier Sense / Data Valid
I
B14
rmii1_refclk
RMII Reference Clock
IO
A16
rmii1_rxd0
RMII Receive Data bit 0
I
F17
rmii1_rxd1
RMII Receive Data bit 1
I
B16
rmii1_rxer
RMII Receive Data Error
I
B13
rmii1_txd0
RMII Transmit Data bit 0
O
B15
rmii1_txd1
RMII Transmit Data bit 1
O
A14
rmii1_txen
RMII Transmit Enable
O
A13
Table 4-26. RMII2 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN [4]
rmii2_crs_dv
RMII Carrier Sense / Data Valid
I
A2, B12, B4, F10
rmii2_refclk
RMII Reference Clock
IO
D16
rmii2_rxd0
RMII Receive Data bit 0
I
D8
rmii2_rxd1
RMII Receive Data bit 1
I
G8
rmii2_rxer
RMII Receive Data Error
I
B3
rmii2_txd0
RMII Transmit Data bit 0
O
E7
rmii2_txd1
RMII Transmit Data bit 1
O
D7
rmii2_txen
RMII Transmit Enable
O
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com