Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara Processors
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4376 Datasheet(HTML) 83 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 79Page - Texas Instruments AM4376 Datasheet HTML 80Page - Texas Instruments AM4376 Datasheet HTML 81Page - Texas Instruments AM4376 Datasheet HTML 82Page - Texas Instruments AM4376 Datasheet HTML 83Page - Texas Instruments AM4376 Datasheet HTML 84Page - Texas Instruments AM4376 Datasheet HTML 85Page - Texas Instruments AM4376 Datasheet HTML 86Page - Texas Instruments AM4376 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 266 page
background image
83
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851C – JUNE 2014 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379
Terminal Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
4.3.11 McASP Interfaces
Table 4-39. McASP0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN [4]
mcasp0_aclkr
McASP0 Receive Bit Clock
IO
A15, A3, C19, L23
mcasp0_aclkx
McASP0 Transmit Bit Clock
IO
A19, D14, E11, F7,
N24
mcasp0_ahclkr
McASP0 Receive Master Clock
IO
B18, M24
mcasp0_ahclkx
McASP0 Transmit Master Clock
IO
C13, D17, L24
mcasp0_axr0
McASP0 Serial Data (IN/OUT)
IO
A18, B11, C14, G8,
H23
mcasp0_axr1
McASP0 Serial Data (IN/OUT)
IO
A11, C17, D8, E16,
M25
mcasp0_axr2
McASP0 Serial Data (IN/OUT)
IO
B18, C19, D16, L23,
M24
mcasp0_axr3
McASP0 Serial Data (IN/OUT)
IO
D17, D19, F17, K23,
L24
mcasp0_fsr
McASP0 Receive Frame Sync
IO
A12, C16, D19, K23
mcasp0_fsx
McASP0 Transmit Frame Sync
IO
B19, B4, C11, D13,
N22
Table 4-40. McASP1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN [4]
mcasp1_aclkr
McASP1 Receive Bit Clock
IO
B15, F17
mcasp1_aclkx
McASP1 Transmit Bit Clock
IO
A15, B14, L23
mcasp1_ahclkr
McASP1 Receive Master Clock
IO
F17
mcasp1_ahclkx
McASP1 Transmit Master Clock
IO
A16, F17
mcasp1_axr0
McASP1 Serial Data (IN/OUT)
IO
A13, C13, M25
mcasp1_axr1
McASP1 Serial Data (IN/OUT)
IO
A14, L24
mcasp1_axr2
McASP1 Serial Data (IN/OUT)
IO
B15, D16
mcasp1_axr3
McASP1 Serial Data (IN/OUT)
IO
A16, B16
mcasp1_fsr
McASP1 Receive Frame Sync
IO
A14, B16
mcasp1_fsx
McASP1 Transmit Frame Sync
IO
B13, C16, K23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com