Electronic Components Datasheet Search
  English  ▼

X  

AM26C32MFKB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C32MFKB
Description  AM26C32 Quadruple Differential Line Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C32MFKB Datasheet(HTML) 4 Page - Texas Instruments

  AM26C32MFKB Datasheet HTML 1Page - Texas Instruments AM26C32MFKB Datasheet HTML 2Page - Texas Instruments AM26C32MFKB Datasheet HTML 3Page - Texas Instruments AM26C32MFKB Datasheet HTML 4Page - Texas Instruments AM26C32MFKB Datasheet HTML 5Page - Texas Instruments AM26C32MFKB Datasheet HTML 6Page - Texas Instruments AM26C32MFKB Datasheet HTML 7Page - Texas Instruments AM26C32MFKB Datasheet HTML 8Page - Texas Instruments AM26C32MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
AM26C32
SLLS104K – DECEMBER 1990 – REVISED JUNE 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
7
V
A or B inputs
–11
14
VI
Input voltage
V
G or G inputs
–0.5
VCC + 0.5
VID
Differential input voltage
–14
14
V
VO
Output voltage
–0.5
VCC + 0.5
V
IO
Output current
±25
mA
Tstg
Storage temperature
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±2000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
Vcc
V
VIL
Low-level input voltage
0
0.8
V
VIC
Common-mode input voltage
-7
+7
V
IOH
High-level output current
–6
mA
IOL
Low-level output current
6
mA
AM26C32C
0
70
AM26C32I
–40
85
TA
Operating free-air temperature
°C
AM26C32Q
–40
125
AM26C32M
–55
125
6.4 Thermal Information
AM26C32
THERMAL METRIC(1)
D (SOIC)
N (PDIP)
NS (SO)
PW (TSSOP)
UNIT
16 PINS
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
73
67
64
108
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1990–2015, Texas Instruments Incorporated
Product Folder Links: AM26C32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com