Electronic Components Datasheet Search
  English  ▼

X  

AM26C32MFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C32MFKB
Description  AM26C32 Quadruple Differential Line Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C32MFKB Datasheet(HTML) 1 Page - Texas Instruments

  AM26C32MFKB Datasheet HTML 1Page - Texas Instruments AM26C32MFKB Datasheet HTML 2Page - Texas Instruments AM26C32MFKB Datasheet HTML 3Page - Texas Instruments AM26C32MFKB Datasheet HTML 4Page - Texas Instruments AM26C32MFKB Datasheet HTML 5Page - Texas Instruments AM26C32MFKB Datasheet HTML 6Page - Texas Instruments AM26C32MFKB Datasheet HTML 7Page - Texas Instruments AM26C32MFKB Datasheet HTML 8Page - Texas Instruments AM26C32MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
4Y
3Y
2Y
1Y
4B
4A
3B
3A
2B
2A
1B
1A
G
G
4
12
2
1
6
7
10
9
14
15
3
5
11
13
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
AM26C32
SLLS104K – DECEMBER 1990 – REVISED JUNE 2015
AM26C32 Quadruple Differential Line Receiver
1 Features
3 Description
The AM26C32 device is a quadruple differential
1
•
Meets or Exceeds the Requirements of ANSI
line receiver for balanced or unbalanced digital
TIA/EIA-422-B, TIA/EIA-423-B, and ITU
data
transmission.
The
enable
function
is
Recommendation V.10 and V.11
common to all four receivers and offers a choice
•
Low Power, ICC = 10 mA Typical
of active-high or active-low input. The 3-state
outputs permit connection directly to a bus-
•
±7-V Common-Mode Range With ±200-mV
organized system. Fail-safe design specifies that
Sensitivity
if the inputs are open, the outputs always are
•
Input Hysteresis: 60 mV Typical
high. The AM26C32 devices are manufactured
•
tpd = 17 ns Typical
using a BiCMOS process, which is a combination
•
Operates From a Single 5-V Supply
of bipolar and CMOS transistors. This process
provides the high voltage and current of bipolar
•
3-State Outputs
with the low power of CMOS to reduce the power
•
Input Fail-Safe Circuitry
consumption
to
about
one-fifth
that
of
the
•
Improved Replacements for AM26LS32 Device
standard AM26LS32, while maintaining AC and
DC performance.
•
Available in Q-Temp Automotive
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
High-Reliability Automotive Applications
AM26C32N
PDIP (16)
19.30 mm × 6.35 mm
•
Factory Automation
AM26C32NS
SO (16)
10.20 mm × 5.30 mm
•
ATM and Cash Counters
AM26C32D
SOIC (16)
9.90 mm × 3.90 mm
•
Smart Grid
AM26C32PW
TSSOP (16)
5.00 mm × 4.40 mm
•
AC and Servo Motor Drives
AM26C32J
CDIP (16)
21.34 mm × 6.92 mm
AM26C32W
CFP (16)
10.16 mm × 6.73 mm
AM26C32FK
LCCC (20)
8.90 mm × 8.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AM26C32MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32MFKB TI-AM26C32MFKB Datasheet
106Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26C32MFKB TI-AM26C32MFKB Datasheet
541Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32MFKB TI-AM26C32MFKB Datasheet
691Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32MFKB TI-AM26C32MFKB Datasheet
841Kb / 20P
QUADRUPLE DIFFRENTIAL LINE RECEIVER
AM26C32MFKB TI1-AM26C32MFKB Datasheet
1Mb / 31P
Quadruple Differential Line Receiver
More results

Similar Description - AM26C32MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
Quadruple Differential Line Receiver
AM26C32 TI1-AM26C32_V01 Datasheet
1Mb / 36P
AM26C32 Quadruple Differential Line Receiver
REVISED OCTOBER 2018
AM26C32 TI-AM26C32_V02 Datasheet
1Mb / 37P
AM26C32 Quadruple Differential Line Receiver
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com