Electronic Components Datasheet Search
  English  ▼

X  

AMC7812BSPAPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812BSPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7812BSPAPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button AMC7812BSPAPR Datasheet HTML 28Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 29Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 30Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 31Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 32Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 33Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 34Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 35Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
ToShift
Register
ADC
ADC-0
Data
ADC-0
Temporary
Out-of-Limit
Alarm
ADC-7
Data
ADC-7
Temporary
ADC-15
Data
ADC-15
Temporary
DAVFBit
Pin
DAV
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
CH9
CH10
CH11
CH12
CH13
CH14
CH15
CONVERT
(ExternalTrigger)
ICONV
(Internal
Trigger)
Input
Range
Selection
OR
AMC7812B
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
The current conversion cycle stops immediately if:
•
A new trigger is issued.
•
The conversion mode changes.
•
Either ADC channel register is rewritten.
•
Any of the analog input threshold registers are rewritten.
When a new external or internal trigger activates, the ADC starts a new conversion cycle. The internal trigger
should not be issued at the same time the conversion mode is changed. If a '1' is simultaneously written to the
ICONV bit when changing the CMODE bit to '0' or '1', the current conversion stops and immediately returns to
the wait for ADC trigger state.
Double-Buffered ADC Data Registers
The host can access all 16, double-buffered ADC data registers, as shown in Figure 83. The conversion result
from the analog input with channel address n (where n = 0 to 15) is stored in the ADC-n-data register. When the
conversion of an individual channel completes, the data are immediately transferred into the corresponding ADC-
n temporary (TMPRY) register, the first stage of the data buffer. When the conversion of the last channel
completes, all data in the ADC-n TMPRY registers are simultaneously transferred into the corresponding ADC-n-
data registers, the second stage of the data buffer. However, if a data transfer is in progress between any ADC-
n-data register and the AMC shift register, no ADC-n-data registers are updated until the data transfer is
complete. The conversion result from channel address n is stored in the ADC-n-data register. For example, the
result from channel 0 is stored in the ADC-0-data register, and the result from channel 3 is stored in the ADC-3-
data register.
Figure 83. Double-Buffered ADC Structure
32
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com