Electronic Components Datasheet Search
  English  ▼

X  

AMC7812BSPAPR Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812BSPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7812BSPAPR Datasheet(HTML) 63 Page - Texas Instruments

Back Button AMC7812BSPAPR Datasheet HTML 59Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 60Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 61Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 62Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 63Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 64Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 65Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 66Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
η-Factor Correction Register (Read or Write, Addresses = 21h and 22h)
Only the low byte is used; the high byte is ignored.
When using the SPI interface, the following bit configuration must be used; default = 0000h.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
0
0
0
0
0
NADJUST
When using the I2C, the following bit configuration must be used; default = 00FFh.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NADJUST
1
1
1
1
1
1
1
1
The NADJUST value for ideality correction is stored as shown in Table 14. ηEFF is the actual ideality of the
transistor being used. Refer to the Ideality Factor section for further details.
Table 14. NADJUST and ηEFF Values
NADJUST
BINARY
HEX
DECIMAL
ηEFF
0111 1111
7F
127
1.747977
0000 1010
0A
10
1.042759
0000 1000
08
8
1.035616
0000 0110
06
6
1.028571
0000 0100
04
4
1.021622
0000 0010
02
2
1.014765
0000 0001
01
1
1.011371
0000 0000
00
0
1.008 (default)
1111 1111
FF
–1
1.004651
1111 1110
FE
–2
1.001325
1111 1100
FC
–4
0.994737
1111 1010
FA
–6
0.988235
1111 1000
F8
–8
0.981818
1111 0110
F6
–10
0.975484
1000 0000
80
–128
0.706542
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com