Electronic Components Datasheet Search
  English  ▼

X  

DAC8580 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8580
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8580 Datasheet(HTML) 5 Page - Texas Instruments

  DAC8580 Datasheet HTML 1Page - Texas Instruments DAC8580 Datasheet HTML 2Page - Texas Instruments DAC8580 Datasheet HTML 3Page - Texas Instruments DAC8580 Datasheet HTML 4Page - Texas Instruments DAC8580 Datasheet HTML 5Page - Texas Instruments DAC8580 Datasheet HTML 6Page - Texas Instruments DAC8580 Datasheet HTML 7Page - Texas Instruments DAC8580 Datasheet HTML 8Page - Texas Instruments DAC8580 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SCLK
tLead
t wsck
t wsck
t r
t f
-- Don’tCare
BIT-14
BIT-13, …, 1
BIT-15 (MSB)
BIT-0
SDIN
t hi
tsu
DACUpdated
tUPDAC
1st
2nd
15th
16th
ttd
CS
t sck
t WAIT
DAC8581
www.ti.com
SLAS481C – AUGUST 2005 – REVISED OCTOBER 2012
TIMING REQUIREMENTS
(1)
PARAMETER
MIN
MAX
UNIT
tSCK
SCLK period
20
ns
tWSCK
SCLK high or low time
10
ns
tLead
Delay from falling CS to first rising SCLK
20
ns
tTD
CS High between two active Periods
20
ns
tSU
Data setup time (Input)
5
ns
tHI
Data hold time (input)
5
ns
tR
Rise time
30
ns
tF
Fall time
30
ns
tWAIT
Delay from 16th falling edge of SCLK to CS low
100
ns
tUPDAC
Delay from 16th falling edge of SCLK to DAC output
1
μs
VDD High to CS Low (power-up delay)
100
μs
(1)
Assured by design. Not production tested.
Figure 1. DAC8581 Timing Diagram
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC8581
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com