Electronic Components Datasheet Search
  English  ▼

X  

DAC8580 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8580
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8580 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC8580 Datasheet HTML 8Page - Texas Instruments DAC8580 Datasheet HTML 9Page - Texas Instruments DAC8580 Datasheet HTML 10Page - Texas Instruments DAC8580 Datasheet HTML 11Page - Texas Instruments DAC8580 Datasheet HTML 12Page - Texas Instruments DAC8580 Datasheet HTML 13Page - Texas Instruments DAC8580 Datasheet HTML 14Page - Texas Instruments DAC8580 Datasheet HTML 15Page - Texas Instruments DAC8580 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
I0 +
I1 ) (I2 * I1)(D0 * VI1)
VI2 * VI1
VI1
VI0
VI2
I1
I0
I2
Main −DACTransferCurve
VI0B
PWL Segment
I0B
Ideal−DACTransferCurve
DAC8581
SLAS481C – AUGUST 2005 – REVISED OCTOBER 2012
www.ti.com
Figure 21. The Geometry Behind the PWL Calibration
(1)
Where both x-axis and y-axis are normalized from 0 to 65535, and:
VI0: Desired ideal DAC voltage corresponding to input code D0.
VI0B: DAC8581 output voltage, which approximates VI0 after PWL calibration. This is the actual DAC8581
output for input code D0 after PWL calibration.
I0: DAC8581 code generating VI0B, an approximation to the desired voltage VI0. This is actual code
loaded into DAC latch for input code D0, after PWL calibration.
I0B: DAC8581 code, which generates output VI0. This code is approximated by the N-segment PWL
calibration.
I1: Contents of memory COEFF[], addressed by the 10 MSBs of user input code D0.
I2: Contents of the next memory location in COEFF[].
VI1: DAC8581 output voltage corresponding to code I1. Notice that (D0–VI1) is nothing but the six LSBs of
the input code D0, given that the y-axis is normalized from 0 to 65,536.
VI2: DAC8581 output voltage corresponding to code I2. Notice that (VI2–VI1) is always equal to number 64,
given that the y-axis is normalized from 0 to 65,536. Division becomes a 6-bit arithmetic right shift.
Other similar PWL calibration implementations exist. This particular algorithm does not need digital division, and
it does not accumulate measurement errors at each segment.
12
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Links: DAC8581
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com