Electronic Components Datasheet Search
  English  ▼

X  

DAC60004 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC60004
Description  Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC60004 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC60004 Datasheet HTML 3Page - Texas Instruments DAC60004 Datasheet HTML 4Page - Texas Instruments DAC60004 Datasheet HTML 5Page - Texas Instruments DAC60004 Datasheet HTML 6Page - Texas Instruments DAC60004 Datasheet HTML 7Page - Texas Instruments DAC60004 Datasheet HTML 8Page - Texas Instruments DAC60004 Datasheet HTML 9Page - Texas Instruments DAC60004 Datasheet HTML 10Page - Texas Instruments DAC60004 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
DAC80004, DAC70004, DAC60004
www.ti.com
SLASED6B – APRIL 2016 – REVISED JUNE 2016
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
All minimum/maximum specifications at TA = -40°C to +125°C, 2.7 V ≤ VDD ≤ 5.5 V, 2.5 V ≤ REFIN
(1) ≤ VDD, R
load = 5 kΩ to
GND, Cload = 200 pF to GND (unless otherwise noted), Digital inputs held at 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE INPUT
Reference input range
2.7 V
≤ VDD ≤ 4.5 V
2.2
VDD – 0.2
V
4.5 V
≤ VDD ≤ 5.5 V
2.2
VDD
Reference input current
450
µA
Reference input impedance
15
k
Ω
Reference input capacitance
10
pF
MBW
Multiplying bandwidth
340
kHz
DIGITAL INPUTS
VIH
High-level input voltage
2.3
V
VIL
Low-level input voltage
0.7
V
Input leakage
0 < VDIGITAL INPUT < VDD
±1
µA
Pin capacitance
4
pF
DIGITAL OUTPUTS
VOH
High-level output voltage
IOH = 2 mA
VDD – 1
V
VOL
Low-level output voltage
IOL = 2 mA
0.7
V
Pin capacitance
7
pF
POWER SUPPLY REQUIREMENTS
VDD
Supply voltage
2.7
5.5
V
IVDD
Supply current
TA = –40°C to +125°C, Normal
mode
4
5.5
mA
TA = –40°C to +125°C, Power-down
mode
3
7
µA
Power dissipation
TA = –40°C to +125°C, Normal
mode
20
mW
TEMPERATURE RANGE
TA
Specified performance
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com