Electronic Components Datasheet Search
  English  ▼

X  

DAC60004 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC60004
Description  Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC60004 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC60004 Datasheet HTML 4Page - Texas Instruments DAC60004 Datasheet HTML 5Page - Texas Instruments DAC60004 Datasheet HTML 6Page - Texas Instruments DAC60004 Datasheet HTML 7Page - Texas Instruments DAC60004 Datasheet HTML 8Page - Texas Instruments DAC60004 Datasheet HTML 9Page - Texas Instruments DAC60004 Datasheet HTML 10Page - Texas Instruments DAC60004 Datasheet HTML 11Page - Texas Instruments DAC60004 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
1
2
32
SCLK
SYNC
SDIN
LDAC
2
LDAC
1
CLR
tw3
tsu
tw2
tw1
tc
td1
tsu1
th1
t19
DB31
DB0
td4
tw5
t19
VOUTX
td2
tw4
td3
8
DAC80004, DAC70004, DAC60004
SLASED6B – APRIL 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Does not include output settling tiime
7.6 DACx0004 Timing Requirements
At TA = -40°C to +125°C, Trise = Tfall = 1 nV/sec (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2, SDO pin
loaded with 10 pF
4.5 V
≤ VDD ≤ 5.5 V
2.7 V
≤ VDD ≤ 4.5 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SERIAL WRITE and READ
tc
SCLK cycle time
20
40
ns
tw1
SCLK high pulse duration
10
20
ns
tw2
SCLK low pulse duration
10
20
ns
tsu
SYNC to SCLK falling edge setup time
15
30
ns
tsu1
Data setup time
5
10
ns
th1
Data hold time
5
10
ns
td1
SCLK falling edge to SYNC rising edge delay time
5
10
ns
tw3
Minimum SYNC high pulse duration(1)
25
35
ns
td2
SYNC rising edge to SCLK fall ignore delay time
15
20
ns
tw4
LDAC pulse duration low
20
30
ns
td3
SCLK falling edge to LDAC rising edge delay time
10
20
ns
tw5
CLR minimum pulse duration low
10
20
ns
td4
SCLK falling edge to LDAC falling edge delay time
10
20
ns
tv
SCLK rising edge to SDO valid time
18
18
ns
td5
SCLK falling edge to SYNC rising edge delay time
5
10
ns
td6
SYNC rising edge to SCLK rising edge delay time
5
10
ns
td7
SYNC rising edge to LDAC or CLR falling edge
delay time
20
40
ns
t19
CLR pulse activation time
20
20
ns
t20
Successive DAC Update
2.4
2.4
µs
(1) Asynchronous LDAC update
(2) Synchronous LDAC update
Figure 1. Stand-Alone Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com