Electronic Components Datasheet Search
  English  ▼

X  

MJH11018 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJH11018
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJH11018 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJH11018 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJH11018 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
1
isc website:www.iscsemi.cn
isc Silicon NPN Darlington Power Transistor
M
JH11018
DESCRIPTION
·
High DC Current Gain-
: hFE = 400(Min)@ IC= 10A
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 150V(Min)
·
Low Collector-Emitter Saturation Voltage-
: VCE(sat) = 2.5V(Max)@ IC= 10A
= 4.0V(Max)@ IC= 15A
·
Complement to Type MJH11017
APPLICATIONS
·
Designed for general purpose amplifiers ,low frequency
switching and motor control applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
150
V
VCEO
Collector-Emitter Voltage
150
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
15
A
ICM
Collector Current-Peak
30
A
IB
Base Current- Continuous
0.5
A
PC
Collector Power Dissipation
@TC=25℃
150
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.83
℃
/W


Similar Part No. - MJH11018

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJH11018 MOTOROLA-MJH11018 Datasheet
212Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
logo
ON Semiconductor
MJH11018 ONSEMI-MJH11018 Datasheet
193Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJH11018 ONSEMI-MJH11018 Datasheet
86Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
logo
New Jersey Semi-Conduct...
MJH11018 NJSEMI-MJH11018 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
logo
ON Semiconductor
MJH11018 ONSEMI-MJH11018 Datasheet
100Kb / 8P
Complementary Darlington Silicon Power Transistors
August, 2016 ??Rev. 10
More results

Similar Description - MJH11018

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com