Electronic Components Datasheet Search
  English  ▼

X  

DIT4096IPW Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DIT4096IPW
Description  96kHz Digital Audio Transmitter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIT4096IPW Datasheet(HTML) 16 Page - Texas Instruments

Back Button DIT4096IPW Datasheet HTML 12Page - Texas Instruments DIT4096IPW Datasheet HTML 13Page - Texas Instruments DIT4096IPW Datasheet HTML 14Page - Texas Instruments DIT4096IPW Datasheet HTML 15Page - Texas Instruments DIT4096IPW Datasheet HTML 16Page - Texas Instruments DIT4096IPW Datasheet HTML 17Page - Texas Instruments DIT4096IPW Datasheet HTML 18Page - Texas Instruments DIT4096IPW Datasheet HTML 19Page - Texas Instruments DIT4096IPW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
DIT4096
16
SBOS225A
www.ti.com
whichever is the first frame to occur after the BTD bit is reset
to 0. Once the UA to TA buffer transfer is completed, the buffer
transfer interrupt (BTI) will occur, as long as it is unmasked.
The transmitter will ignore any attempt to access the UA
buffer during a UA to TA buffer transfer. In addition, the BTD
bit may be set to 1 to stop a UA to TA buffer transfer that may
be in progress, if so desired.
CHANNEL STATUS BUFFER MAP
The channel status buffer is organized in accordance with the
AES-3 and IEC-60958 standards. See Table VII for the memory
map for the UA channel status data buffer for Professional mode.
Table VIII shows the memory map for the UA channel status data
buffer for Consumer mode.
ADDRESS
CS
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
(HEX)
Byte
MSB
LSB
8
A0
PRO = 0
AUDIO
COPY
EMPH
EMPH
EMPH
MODE
MODE
09
B0
PRO = 0
AUDIO
COPY
EMPH
EMPH
EMPH
MODE
MODE
0A
A1
CAT CODE
CAT CODE
CAT CODE
CAT CODE
CAT CODE
CAT CODE
CAT CODE
L
0B
B1
CAT CODE
CAT CODE
CAT CODE
CAT CODE
CAT CODE
CAT CODE
CAT CODE
L
0C
A2
SOURCE
SOURCE
SOURCE
SOURCE
CH NUM
CH NUM
CH NUM
CH NUM
0D
B2
SOURCE
SOURCE
SOURCE
SOURCE
CH NUM
CH NUM
CH NUM
CH NUM
0E
A3
fS
fS
fS
fS
CLK ACC
CLK ACC
reserved
reserved
0F
B3
fS
fS
fS
fS
CLK ACC
CLK ACC
reserved
reserved
10
A4
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
11
B4
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
12
A5
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
13
B5
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
14
A6
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
15
B6
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
16
A7
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
17
B7
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
18
A8
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
19
B8
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
1A
A9
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
1B
B9
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
1C
A10
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
1D
B10
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
1E
A11
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
1F
B11
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
20
A12
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
21
B12
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
22
A13
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
23
B13
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
24
A14
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
25
B14
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
26
A15
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
27
B15
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
28
A16
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
29
B16
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
2A
A17
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
2B
B17
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
2C
A18
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
2D
B18
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
2E
A19
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
2F
B19
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
30
A20
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
31
B20
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
32
A21
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
33
B21
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
34
A22
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
35
B22
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
36
A23
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
37
B23
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
TABLE VIII. Channel Status Buffer for Consumer Mode (PRO = 0).
INTERRUPT SOURCES
(SOFTWARE MODE ONLY)
The DIT4096 can be programmed to generate interrupts for
up to three predefined conditions. The interrupt output, INT
(pin 22), is set low when a valid interrupt occurs. The interrupt
status register, 04H, is then read to determine the source of
the interrupt. Status register bits and the INT output pin
remain active until the status register is read. Once read,
status bits are cleared and the INT pin is pulled high by an
external pull-up resistor to VIO.
Interrupts may be masked using control register 05H. When
masked, the interrupt mechanism associated with a particular
status bit is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com