Electronic Components Datasheet Search
  English  ▼

X  

DIT4096IPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DIT4096IPW
Description  96kHz Digital Audio Transmitter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIT4096IPW Datasheet(HTML) 3 Page - Texas Instruments

  DIT4096IPW Datasheet HTML 1Page - Texas Instruments DIT4096IPW Datasheet HTML 2Page - Texas Instruments DIT4096IPW Datasheet HTML 3Page - Texas Instruments DIT4096IPW Datasheet HTML 4Page - Texas Instruments DIT4096IPW Datasheet HTML 5Page - Texas Instruments DIT4096IPW Datasheet HTML 6Page - Texas Instruments DIT4096IPW Datasheet HTML 7Page - Texas Instruments DIT4096IPW Datasheet HTML 8Page - Texas Instruments DIT4096IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DIT4096
3
SBOS225A
www.ti.com
ELECTRICAL CHARACTERISTICS
All specifications at TA = +25°C, VDD = +5V, and VIO = +3.3V unless otherwise noted.
DIT4096IPW
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL CHARACTERISTICS
Applies to All Digital I/O Except TX+ and TX–
High-Level Input Voltage, VIH
0.7 • VIO
VIO
V
Low-Level Input Voltage, VIL
0
0.2 • VIO
V
High-Level Output Voltage, VOH
IO = –4mA
0.8 • VIO
V
Low-Level Output Voltage, VOL
IO = +4mA
0
0.1 • VIO
V
Input Leakage Current
110
µA
OUTPUT DRIVER CHARACTERISTICS
Applies Only to TX+ and TX–
High-Level Output Voltage, VOH
IO = –30mA
VDD – 0.7
VDD – 0.4
VDD
V
Low-Level Output Voltage, VOL
IO = +30mA
0
0.4
0.7
V
SWITCHING CHARACTERISTICS
Master Clock and Reset
Master Clock (MCLK) Frequency
25
MHz
Master Clock (MCLK) Duty Cycle
40
60
%
Reset (RST) Active Low Pulse Width
500
ns
Serial Control Port Timing
CCLK Frequency
Stereo Mode
fS = Sampling Frequency
128 • fS
MHz
Mono Mode
fS = Sampling Frequency
64 • fS
MHz
Serial Control Data Setup Time, tSDS
25
ns
Serial Control Data Hold Time, tSDH
15
ns
CS Falling to CCLK Rising, tCSCR
20
ns
CCLK Falling to CS Rising, tCFCS
20
ns
CCLK Falling to CDOUT Data Valid, tCFDO
25
ns
CS Rising to CDOUT High Impedance, tCSZ
10
ns
Audio Serial Interface Timing
SYNC Frequency (or Frame Rate)
97.6525
kHz
SYNC Clock Period tSYNCP
10.24
µs
SYNC High/Low Pulse Width, tSYNCHL
5.12
µs
SCLK Frequency
12.5
MHz
SCLK Clock Period, tSCLKP
80
ns
SCLK High/Low Pulse Width, tSCLKHL
32
ns
SYNC Edge to SCLK Edge, tSYSK
30
ns
Audio Data Setup Time, tADS
30
ns
Audio Data Hold Time, tADH
30
ns
C, U, and V Input Timing
C, U, V Data Setup Time, tCUVS
20
ns
C, U, V Data Hold Time, tCUVH
20
ns
POWER-SUPPLY
Operating Voltage
VDD
+4.5
+5
+5.5
V
VIO
+2.7
VDD
V
Supply Current
IDD, Quiescent
VDD = +5V
25
µA
IDD, Power-Down Mode
VDD = +5V
2
µA
IDD, Dynamic (at 96kHz operation)
VDD = +5V
22
mA
IIO, Quiescent
VIO = +3.3V
13
µA
IIO, Power-Down Mode
VIO = +3.3V
13
µA
IIO, Dynamic (at 96kHz operation)
VIO = +3.3V
2
mA
IIO, Quiescent
VIO = +5V
280
µA
IIO, Power-Down Mode
VIO = +5V
280
µA
IIO, Dynamic (at 98kHz operation)
VIO = +5V
6.5
mA
Power Dissipation
PD, Quiescent
VDD = +5V
100
µW
PD, Power-Down Mode
VDD = +5V
100
µW
PD, Dynamic (at 96kHz operation)
VDD = +5V
150
mW
TEMPERATURE RANGE
Operating Range
–40
+85
°C
Storage Range
–55
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com