Electronic Components Datasheet Search
  English  ▼

X  

DIT4192IPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DIT4192IPW
Description  192kHz Digital Audio Transmitter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIT4192IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button DIT4192IPW Datasheet HTML 5Page - Texas Instruments DIT4192IPW Datasheet HTML 6Page - Texas Instruments DIT4192IPW Datasheet HTML 7Page - Texas Instruments DIT4192IPW Datasheet HTML 8Page - Texas Instruments DIT4192IPW Datasheet HTML 9Page - Texas Instruments DIT4192IPW Datasheet HTML 10Page - Texas Instruments DIT4192IPW Datasheet HTML 11Page - Texas Instruments DIT4192IPW Datasheet HTML 12Page - Texas Instruments DIT4192IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DIT4192
9
SBOS229B
www.ti.com
INPUT
FUNCTION
COPY
Copy Status
L
Generation Status
COPY
L
Status
0
0
Consumer Mode, PRO = 0, COPY = 0, L = 0
0
1
Consumer Mode, PRO = 0, COPY = 0, L = 1
1
0
Consumer Mode, PRO = 0, COPY = 1, L = 0
1
1
Professional Mode, PRO = 1, No Copy Protection
AUDIO
Audio Data Status
AUDIO
Status
0
Digital (or Linear PCM) Audio Data
1
Non-Audio or Encoded Audio Data
EMPH
Pre-Emphasis Status
EMPH
Status
0
Pre-emphasis bits are set to indicate 50/15
µs Pre-emphasis has been applied.
1
Pre-emphasis bits are set to indicate that no Pre-emphasis has been applied.
TABLE VI. Channel Status Data Input for Hardware Mode with CSS = 0.
FIGURE 5. C, U, and V Data Timing.
USER AND VALIDITY DATA INPUT
The user data bits in the AES-3 data stream allow for a
convenient way to transfer user-defined or application spe-
cific data to another device containing an AES-3 receiver.
The U input (pin 27) is used in both Software and Hardware
mode to input the user data in a serial fashion. Figure 5
shows the U input timing diagram.
Validity data is used to indicate that a sample is error-free
audio data, or that the sample is defective and is not suitable
for further processing. In Software mode, the VAL bit in
control register 01H is utilized to write the validity data. In
Hardware mode, the V input (pin 26) is used to input the
validity data in serial fashion. Refer to Figure 5 for V input
timing for Hardware Mode.
When VAL or V = 0, this indicates that the audio data is valid
and suitable for further processing. When VAL or V = 1, then
the audio sample is defective and should not be used.
Frame 191 or 383
Frame 0
Block Start
SYNC(1)
BLS
(Input)
BLS
(Output)
C, U, or V
Data
NOTE: (1) Assumes ISYNC = 0.
t
CUVS
t
CUVH
Ch B
Data
Ch A
Data
Ch B
Data
Ch A
Data
192nd or 384th
Falling Edge(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com