Electronic Components Datasheet Search
  English  ▼

X  

DIT4192IPW Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DIT4192IPW
Description  192kHz Digital Audio Transmitter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIT4192IPW Datasheet(HTML) 15 Page - Texas Instruments

Back Button DIT4192IPW Datasheet HTML 11Page - Texas Instruments DIT4192IPW Datasheet HTML 12Page - Texas Instruments DIT4192IPW Datasheet HTML 13Page - Texas Instruments DIT4192IPW Datasheet HTML 14Page - Texas Instruments DIT4192IPW Datasheet HTML 15Page - Texas Instruments DIT4192IPW Datasheet HTML 16Page - Texas Instruments DIT4192IPW Datasheet HTML 17Page - Texas Instruments DIT4192IPW Datasheet HTML 18Page - Texas Instruments DIT4192IPW Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
DIT4192
15
SBOS229B
www.ti.com
ADDRESS
CS
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
(HEX)
Byte
MSB
LSB
08
A0
PRO
AUDIO
EMPH
EMPH
EMPH
LOCK
fS
fS
09
B0
PRO
AUDIO
EMPH
EMPH
EMPH
LOCK
fS
fS
0A
A1
CH MODE
CH MODE
CH MODE
CH MODE
U BIT MGT
U BIT MGT
U BIT MGT
U BIT MGT
0B
B1
CH MODE
CH MODE
CH MODE
CH MODE
U BIT MGT
U BIT MGT
U BIT MGT
U BIT MGT
0C
A2
AUX
AUX
AUX
WLEN
WLEN
WLEN
reserved
reserved
0D
B2
AUX
AUX
AUX
WLEN
WLEN
WLEN
reserved
reserved
0E
A3
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
0F
B3
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
10
A4
REF
REF
reserved
reserved
reserved
reserved
reserved
reserved
11
B4
REF
REF
reserved
reserved
reserved
reserved
reserved
reserved
12
A5
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
13
B5
reserved
reserved
reserved
reserved
reserved
reserved
reserved
reserved
14
A6
Alphanumeric Channel Origin Data (7-Bit ASCII0) for Channel A
15
B6
Alphanumeric Channel Origin Data (7-Bit ASCII0) for Channel B
16
A7
Alphanumeric Channel Origin Data (7-Bit ASCII0) for Channel A
17
B7
Alphanumeric Channel Origin Data (7-Bit ASCII0) for Channel B
18
A8
Alphanumeric Channel Origin Data (7-Bit ASCII0) for Channel A
19
B8
Alphanumeric Channel Origin Data (7-Bit ASCII0) for Channel B
1A
A9
Alphanumeric Channel Origin Data (7-Bit ASCII0) for Channel A
1B
B9
Alphanumeric Channel Origin Data (7-Bit ASCII0) for Channel B
1C
A10
Alphanumeric Channel Destination Data (7-Bit ASCII) for Channel A
1D
B10
Alphanumeric Channel Destination Data (7-Bit ASCII) for Channel B
1E
A11
Alphanumeric Channel Destination Data (7-Bit ASCII) for Channel A
1F
B11
Alphanumeric Channel Destination Data (7-Bit ASCII) for Channel B
20
A12
Alphanumeric Channel Destination Data (7-Bit ASCII) for Channel A
21
B12
Alphanumeric Channel Destination Data (7-Bit ASCII) for Channel B
22
A13
Alphanumeric Channel Destination Data (7-Bit ASCII) for Channel A
23
B13
Alphanumeric Channel Destination Data (7-Bit ASCII) for Channel B
24
A14
Local Sample Address Code (32-Bit Binary) for Channel A
25
B14
Local Sample Address Code (32-Bit Binary) for Channel B
26
A15
Local Sample Address Code (32-Bit Binary) for Channel A
27
B15
Local Sample Address Code (32-Bit Binary) for Channel B
28
A16
Local Sample Address Code (32-Bit Binary) for Channel A
29
B16
Local Sample Address Code (32-Bit Binary) for Channel B
2A
A17
Local Sample Address Code (32-Bit Binary) for Channel A
2B
B17
Local Sample Address Code (32-Bit Binary) for Channel B
2C
A18
Time of Day Code (32-Bit Binary) for Channel A
2D
B18
Time of Day Code (32-Bit Binary) for Channel B
2E
A19
Time of Day Code (32-Bit Binary) for Channel A
2F
B19
Time of Day Code (32-Bit Binary) for Channel B
30
A20
Time of Day Code (32-Bit Binary) for Channel A
31
B20
Time of Day Code (32-Bit Binary) for Channel B
32
A21
Time of Day Code (32-Bit Binary) for Channel A
33
B21
Time of Day Code (32-Bit Binary) for Channel B
34
A22
reserved
reserved
reserved
reserved
Rel Flags
Rel Flags
Rel Flags
Rel Flags
35
B22
reserved
reserved
reserved
reserved
Rel Flags
Rel Flags
Rel Flags
Rel Flags
36
A23
CRC Check Character for Channel A
37
B23
CRC Check Character for Channel B
TABLE VII. Channel Status Buffer Map for Professional Mode (PRO = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com