Electronic Components Datasheet Search
  English  ▼

X  

DLP4710FQL Datasheet(PDF) 27 Page - Texas Instruments

Part # DLP4710FQL
Description  0.47 1080p DMD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710FQL Datasheet(HTML) 27 Page - Texas Instruments

Back Button DLP4710FQL Datasheet HTML 23Page - Texas Instruments DLP4710FQL Datasheet HTML 24Page - Texas Instruments DLP4710FQL Datasheet HTML 25Page - Texas Instruments DLP4710FQL Datasheet HTML 26Page - Texas Instruments DLP4710FQL Datasheet HTML 27Page - Texas Instruments DLP4710FQL Datasheet HTML 28Page - Texas Instruments DLP4710FQL Datasheet HTML 29Page - Texas Instruments DLP4710FQL Datasheet HTML 30Page - Texas Instruments DLP4710FQL Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
27
DLP4710
www.ti.com
DLPS056B – NOVEMBER 2014 – REVISED JULY 2016
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The DMDs are spatial light modulators which reflect incoming light from an illumination source to one of two
directions, with the primary direction being into a projection or collection optic. Each application is derived
primarily from the optical architecture of the system and the format of the data coming into the dual DLPC3439
controllers. The new high tilt pixel in the bottom-illuminated DMD increases brightness performance and enables
a smaller system footprint for thickness constrained applications. Applications of interest include projection
embedded in display devices like smartphones, tablets, cameras, and camcorders. Other applications include
wearable (near-eye) displays, battery powered mobile accessory, interactive display, low-latency gaming display,
and digital signage.
DMD power-up and power-down sequencing is strictly controlled by the DLPA3000/DLPA3005. Refer to Power
Supply Recommendations for power-up and power-down specifications. To ensure reliable operation, the
DLP4710 DMD must always be used with two DLPC3439 display controllers and a DLPA3000/DLPA3005
PMIC/LED driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com