Electronic Components Datasheet Search
  English  ▼

X  

DLP4710FQL Datasheet(PDF) 30 Page - Texas Instruments

Part # DLP4710FQL
Description  0.47 1080p DMD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710FQL Datasheet(HTML) 30 Page - Texas Instruments

Back Button DLP4710FQL Datasheet HTML 26Page - Texas Instruments DLP4710FQL Datasheet HTML 27Page - Texas Instruments DLP4710FQL Datasheet HTML 28Page - Texas Instruments DLP4710FQL Datasheet HTML 29Page - Texas Instruments DLP4710FQL Datasheet HTML 30Page - Texas Instruments DLP4710FQL Datasheet HTML 31Page - Texas Instruments DLP4710FQL Datasheet HTML 32Page - Texas Instruments DLP4710FQL Datasheet HTML 33Page - Texas Instruments DLP4710FQL Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
30
DLP4710
DLPS056B – NOVEMBER 2014 – REVISED JULY 2016
www.ti.com
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The following power supplies are all required to operate the DMD: VDD, VDDI, VOFFSET, VBIAS, and VRESET.
All VSS connections are also required. DMD power-up and power-down sequencing is strictly controlled by the
DLPA3000/DLPA3005 devices.
CAUTION
For reliable operation of the DMD, the following power supply sequencing
requirements must be followed. Failure to adhere to the prescribed power-up and
power-down procedures may affect device reliability.
VDD, VDDI, VOFFSET, VBIAS, and VRESET power supplies have to be coordinated
during power-up and power-down operations. Failure to meet any of the below
requirements will result in a significant reduction in the DMD’s reliability and lifetime.
Refer to Figure 23. VSS must also be connected.
9.1 Power Supply Power-Up Procedure
•
During power-up, VDD and VDDI must always start and settle before VOFFSET, VBIAS, and VRESET
voltages are applied to the DMD.
•
During power-up, it is a strict requirement that the delta between VBIAS and VOFFSET must be within the
specified limit shown in Recommended Operating Conditions. Refer to Table 3 and the Layout Example for
power-up delay requirements.
•
During power-up, the DMD’s LPSDR input pins shall not be driven high until after VDD and VDDI have settled
at operating voltage.
•
During power-up, there is no requirement for the relative timing of VRESET with respect to VOFFSET and
VBIAS. Power supply slew rates during power-up are flexible, provided that the transient voltage levels follow
the requirements listed previously and in Figure 22.
9.2 Power Supply Power-Down Procedure
•
Power-down sequence is the reverse order of the previous power-up sequence. VDD and VDDI must be
supplied until after VBIAS, VRESET, and VOFFSET are discharged to within 4 V of ground.
•
During power-down, it is not mandatory to stop driving VBIAS prior to VOFFSET, but it is a strict requirement
that the delta between VBIAS and VOFFSET must be within the specified limit shown in Recommended
Operating Conditions (Refer to Note 2 for Figure 22).
•
During power-down, the DMD’s LPSDR input pins must be less than VDDI, the specified limit shown in
Recommended Operating Conditions.
•
During power-down, there is no requirement for the relative timing of VRESET with respect to VOFFSET and
VBIAS.
•
Power supply slew rates during power-down are flexible, provided that the transient voltage levels follow the
requirements listed previously and in Figure 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com