Electronic Components Datasheet Search
  English  ▼

X  

592D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 592D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D Datasheet(HTML) 3 Page - Vishay Siliconix

  592D Datasheet HTML 1Page - Vishay Siliconix 592D Datasheet HTML 2Page - Vishay Siliconix 592D Datasheet HTML 3Page - Vishay Siliconix 592D Datasheet HTML 4Page - Vishay Siliconix 592D Datasheet HTML 5Page - Vishay Siliconix 592D Datasheet HTML 6Page - Vishay Siliconix 592D Datasheet HTML 7Page - Vishay Siliconix 592D Datasheet HTML 8Page - Vishay Siliconix 592D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.vishay.com
76
592D
Vishay Sprague
Document Number 40004
Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
15
A
592D156X_6R3A2T
0.9
6
2.50
0.15
15
B
592D156X_6R3B2T
0.9
6
1.70
0.22
22
A
592D226X_6R3A2T
1.4
6
1.5
0.23
22
A
592D226X_6R3A2T13H**
1.4
6
1.5
0.2
22
B
592D226X_6R3B2T
1.4
6
1.5
0.23
33
A
592D336X_6R3A2T
2.1
6
1.70
0.32
33
B
592D336X_6R3B2T
2.1
6
1.40
0.24
33
C
592D336X_6R3C2T
2.1
6
0.40
0.5
33
S
592D336X_6R3S2T
2.1
8
1.3
0.28
33
S
592D336X_6R3S2T12H**
2.1
10
2.0
0.17
47
A
592D476X_6R3A2T
3
8
1.40
0.21
47
B
592D476X_6R3B2T
3
8
1.40
0.21
47
C
592D476X_6R3C2T
3
6
0.40
0.5
47
D
592D476X_6R3D2T
3
6
0.30
0.65
68
B
592D686X_6R3B2T
4.3
6
0.38
0.46
68
B
592D686X_6R3B2T13H**
4.3
8
0.60
0.36
68
C
592D686X_6R3C2T
4.3
6
0.38
0.51
68
D
592D686X_6R3D2T
4.3
6
0.27
0.68
68
R
592D686X_6R3R2T
4.3
6
0.20
0.87
68
T
592D686X_6R3T2T
4.3
6
0.50
0.4
100
B
592D107X_6R3B2T15H**
6.3
10
1.0
0.28
100
C
592D107X_6R3C2T
6.3
8
0.38
0.51
100
D
592D107X_6R3D2T
6.3
8
0.26
0.69
100
R
592D107X_6R3R2T
6.3
8
0.20
0.87
100
T
592D107X_6R3T2T
6.3
8
0.45
0.42
150
D
592D157X_6R3D2T
9.5
8
0.25
0.71
150
R
592D157X_6R3R2T
9.5
8
0.20
0.87
150
U
592D157X_6R3U2T
9.5
8
0.19
0.76
220
D
592D227X_6R3D2T
13.9
8
0.22
0.75
220
R
592D227X_6R3R2T
13.9
8
0.18
0.91
220
U
592D227X_6R3U2T
13.9
8
0.15
0.86
220
V
592D227X_6R3V2T
13.9
8
0.12
1.08
330
C
592D337X_6R3C2T16H**
20.8
10
0.15
0.81
330
R
592D337X_6R3R2T
20.8
8
0.18
0.91
330
U
592D337X_6R3U2T
20.8
8
0.10
1.05
330
V
592D337X_6R3V2T
20.8
8
0.10
1.18
330
W
592D337X_6R3W2T
20.8
8
0.10
1.32
470
U
592D477X_6R3U2T
29.6
14
0.10
1.05
470
V
592D477X_6R3V2T
29.6
10
0.10
1.18
470
W
592D477X_6R3W2T
29.6
10
0.10
1.32
680
R
592D687X_6R3R2T16H**
42.8
14
0.13
1.16
680
W
592D687X_6R3W2T
42.8
10
0.100
1.32
1000
W
592D108X_6R3W2T
63
20
0.2
0.94
1000
X
592D108X_6R3X2T
63
16
0.04
2.1
1500
Y
592D158X_6R3Y2T
95
20
0.035
2.3
1500
X
592D158X_6R3X2T
95
25
0.045
1.97
2200*
Y*
592D228X_6R3Y2T*
139*
35*
0.055*
1.80*
2200
X
592D228X_6R3X2T
139
35
0.055
1.80
3300
Y
592D338X_6R3Y2T
208
35
0.055
1.80
STANDARD / EXTENDED RATINGS
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER
Max. DCL
@ + 25
°C
(
µA)
Max. DF
@ + 25
°C
120 Hz
(%)
Max. ESR
@ + 25
°C
100kHz
(Ohms)
Max. RIPPLE
100kHz
Irms
(Amps)
6.3 WVDC @ + 85
°C, SURGE = 8 V . . . 4 WVDC @ + 125°C, SURGE = 5 V
10
A
592D106X_010A2T
1
6
2.60
0.15
10
B
592D106X_010B2T
1
6
1.70
0.22
22
B
592D226X_010B2T
2.2
6
1.50
0.23
22
C
592D226X_010C2T
2.2
6
0.40
0.50
33
C
592D336X_010C2T
3.3
6
0.40
0.50
33
D
592D336X_010D2T
3.3
6
0.30
0.65
33*
T*
592D336X_010T2T*
3.3*
6*
0.50*
0.40*
47
D
592D476X_010D2T
4.7
6
0.27
0.68
47
R
592D476X_010R2T
4.7
6
0.20
0.87
47
T
592D476X_010T2T
4.7
6
0.50
0.40
68
C
592D686X_010C2T
6.8
6
0.14
0.84
68
D
592D686X_010D2T
6.8
6
0.27
0.68
68
R
592D686X_010R2T
6.8
6
0.20
0.87
68
T
592D686X_010T2T
6.8
6
0.45
0.42
68*
U*
592D686X_010U2T*
6.8*
6*
0.25*
0.66*
100
D
592D107X_010D2T
10
8
0.10
1.11
100
U
592D107X_010U2T
10
8
0.19
0.76
100
R
592D107X_010R2T
10.0
8
0.22
0.83
150
U
592D157X_010U2T
15
8
0.17
0.80
150
V
592D157X_010V2T
15
8
0.14
1.00
220
V
592D227X_010V2T
22
8
0.12
1.08
220
W
592D227X_010W2T
22
8
0.10
1.32
330*
V*
592D337X_010V2T*
33*
8*
0.10*
1.18*
330
W
592D337X_010W2T
33
8
0.10
1.32
** xyH indicates maximum height in (mm), i.e., 1.5 max (H) = 15Hmm
*Preliminary values, contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended range ratings are in bold print.
*Voltage range under development.
10 WVDC @ + 85
°C, SURGE = 13 V . . . 7 WVDC @ + 125°C, SURGE = 8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com