Electronic Components Datasheet Search
  English  ▼

X  

592D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 592D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D Datasheet(HTML) 4 Page - Vishay Siliconix

  592D Datasheet HTML 1Page - Vishay Siliconix 592D Datasheet HTML 2Page - Vishay Siliconix 592D Datasheet HTML 3Page - Vishay Siliconix 592D Datasheet HTML 4Page - Vishay Siliconix 592D Datasheet HTML 5Page - Vishay Siliconix 592D Datasheet HTML 6Page - Vishay Siliconix 592D Datasheet HTML 7Page - Vishay Siliconix 592D Datasheet HTML 8Page - Vishay Siliconix 592D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
77
592D
Vishay Sprague
Document Number 40004
Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
20 WVDC @ + 85
°C, SURGE = 26 V . . . 13 WVDC @ + 125°C, SURGE = 16 V
25 WVDC @ + 85
°C, SURGE = 33 V . . . 17 WVDC @ + 125°C, SURGE = 20 V
STANDARD / EXTENDED RATINGS
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER
Max. DCL
@ + 25
°C
(
µA)
Max. DF
@ + 25
°C
120 Hz
(%)
Max. ESR
@ + 25
°C
100kHz
(Ohms)
Max. RIPPLE
100kHz
Irms
(Amps)
16 WVDC @ + 85
°C, SURGE = 20 V . . . 10 WVDC @ + 125°C, SURGE = 12 V
4.7
A
592D475X_016A2T
0.8
6
3.50
0.13
6.8
A
592D685X_016A2T
1.1
6
3.50
0.13
6.8
B
592D685X_016B2T
1.1
6
1.80
0.21
10
B
592D106X_016B2T
1.6
6
1.60
0.22
10
C
592D106X_016C2T
1.6
6
1.00
0.32
15*
B*
592D156X_016B2T*
2.4*
6*
1.4*
0.24*
15
D
592D156X_016D2T
2.4
6
0.50
0.50
22
C
592D226X_016C2T
3.5
6
0.50
0.46
22
D
592D226X_016D2T
3.5
6
0.40
0.60
22
T
592D226X_016T2T
3.5
6
0.6
0.36
33
C
592D336X_016C2T
5.3
6
0.25
0.66
33
D
592D336X_016D2T
5.3
6
0.30
0.62
33
R
592D336X_016R2T
5.3
6
0.27
0.75
33
T
592D336X_016T2T
5.3
6
0.6
0.36
47
R
592D476X_016R2T
7.5
6
0.25
0.77
47
T
592D476X_016T2T
7.5
6
0.45
0.42
47
U
592D476X_016U2T
7.5
6
0.25
0.66
68*
C*
592D686X_016C2T*
10.9*
6*
0.50*
1.20*
68
U
592D686X_016U2T
10.9
6
0.25
0.66
68
V
592D686X_016V2T
10.9
6
0.17
0.91
100*
C*
592D107X_016C2T*
16*
8*
0.30*
1.80*
100
D
592D107X_016D2T
16
8
0.15
0.97
100
U
592D107X_016U2T
16
8
0.15
0.97
100
V
592D107X_016V2T
16
8
0.15
0.97
150
W
592D157X_016W2T
24
8
0.1
1.32
220
W
592D227X_016W2T
35.2
8
0.2
0.94
4.7
A
592D475X_020A2T
0.9
6
3.80
0.13
4.7
B
592D475X_020B2T
0.9
6
3.20
0.16
6.8
B
592D685X_020B2T
1.4
6
3.10
0.16
6.8
C
592D685X_020C2T
1.4
6
1.10
0.30
10
B
592D106X_020B2T
2
6
3.00
0.16
10
D
592D106X_020D2T
2
6
0.50
0.48
15
C
592D156X 020C2T
3
6
0.60
0.42
15
R
592D156X_020R2T
3
6
0.40
0.65
22
D
592D226X_020D2T
4.4
6
0.40
0.56
22
R
592D226X_020R2T
4.4
6
0.28
0.73
22
T
592D226X_020T2T
4.4
6
0.60
0.37
22*
U*
592D226X_020U2T*
4.4*
6*
0.30*
0.61*
33
R
592D336X_020R2T
6.6
6
0.28
0.73
33*
V*
592D336X_020V2T*
6.6*
6*
0.26*
0.73*
*Preliminary values, contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended range ratings are in bold print.
*Voltage range under development.
2.2
A
592D225X_025A2T
0.6
6
8.00
0.09
2.2
B
592D225X_025B2T
0.6
6
6.00
0.12
3.3
B
592D335X_025B2T
0.8
6
5.60
0.12
3.3
C
592D335X_025C2T
0.8
6
2.00
0.22
4.7
C
592D475X_025C2T
1.2
6
1.60
0.25
6.8
C
592D685X_025C2T
1.7
6
1.50
0.26
6.8
D
592D685X_025D2T
1.7
6
1.30
0.31
10
B
592D106X_025B2T
2.5
6
2.00
0.115
10
D
592D106X_025D2T
2.5
6
1.20
0.32
10
R
592D106X_025R2T
2.5
6
0.48
0.56
15
R
592D156X_025R2T
3.8
6
0.40
0.61
15*
U*
592D156X_025U2T*
3.8*
6*
0.40*
0.52*
22*
U*
592D226X_025U2T*
5.5*
6*
0.30*
0.68*
22*
V*
592D226X_025V2T*
5.5*
6*
0.30*
0.68*



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com