Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA656 Datasheet(HTML) 2 Page - Texas Instruments

  OPA656 Datasheet HTML 1Page - Texas Instruments OPA656 Datasheet HTML 2Page - Texas Instruments OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
PACKAGE/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
(1)
ELECTRICAL CHARACTERISTICS
DAC7811
SBAS337C – APRIL 2005 – REVISED JULY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI website at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
DAC7811
UNIT
VDD to GND
–0.3 to +7.0
V
Digital input voltage to GND
–0.3 to VDD + 0.3
V
IOUT1, IOUT2 to GND
–0.3 to VDD + 0.3
V
Operating temperature range
–40 to +125
°C
Storage temperature range
–65 to +150
°C
Junction temperature (TJ max)
+150
°C
ESD Rating, HBM
2000
V
ESD Rating, CDM
1000
V
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
VDD = +2.7 V to +5.5 V; IOUT1 = Virtual GND; IOUT2 = 0V; VREF = +10 V; TA = full operating temperature. All specifications
–40
°C to +125°C, unless otherwise noted.
DAC7811
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE
Resolution
12
Bits
Relative accuracy
±1
LSB
Differential nonlinearity
±1
LSB
Output leakage current
Data = 0000h, TA = +25°C
±5
nA
Output leakage current
Data = 0000h, TA = TMAX
±25
nA
Full-scale gain error
All ones loaded to DAC register
±5
±10
mV
Full-scale tempco(1)
±5
ppm/
°C
Output capacitance(1)
Code dependent
5
pF
(1)
Specified by design and characterization; not production tested.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com