Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA656 Datasheet(HTML) 1 Page - Texas Instruments

  OPA656 Datasheet HTML 1Page - Texas Instruments OPA656 Datasheet HTML 2Page - Texas Instruments OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
BurrBrown Products
from Texas Instruments
DAC7811
FEATURES
DESCRIPTION
APPLICATIONS
12-Bit
R-2RDAC
Power-On
Reset
DAC7811
SYNC
SCLK
SDIN
V
DD
V
REF
R
FB
I
1
OUT
I
2
OUT
SDO
GND
InputLatch
ControlLogicand
InputShiftRegister
DACRegister
R
DAC7811
SBAS337C – APRIL 2005 – REVISED JULY 2007
12-Bit, Serial Input, Multiplying
Digital-to-Analog Converter
• 2.7V to 5.5V Supply Operation
The DAC7811 is a CMOS, 12-bit, current output
digital-to-analog
converter
(DAC).
This
device
• 50MHz Serial Interface
operates from a 2.7V to 5.5V power supply, making it
• 10MHz Multiplying Bandwidth
suitable
for
battery-powered
and
many
other
• ±15V Reference Input
applications.
• Low Glitch Energy: 5nV-s
This DAC uses a double-buffered 3-wire serial
• Extended Temperature Range:
interface that is compatible with SPI™, QSPI™,
–40
°C to +125°C
MICROWIRE™, and most DSP interface standards.
In addition, a serial data out pin (SDO) allows for
• 10-Lead MSOP Package
daisy-chaining when multiple devices are used. Data
• 12-Bit Monotonic
readback allows the user to read the contents of the
• 4-Quadrant Multiplication
DAC register via the SDO pin. On power-up, the
internal shift register and latches are filled with
• Power-On Reset with Brownout Detection
zeroes and the DAC outputs are at zero scale.
• Daisy-Chain Mode
The
DAC7811
offers
excellent
4-quadrant
• Readback Function
multiplication
characteristics,
with
large
signal
• Industry-Standard Pin Configuration
multiplying
bandwidth
of
10MHz.
The
applied
external reference input voltage (VREF) determines
the full-scale output current. An integrated feedback
• Portable Battery-Powered Instruments
resistor (RFB) provides temperature tracking and
full-scale voltage output when combined with an
• Waveform Generators
external current-to-voltage precision amplifier.
• Analog Processing
• Programmable Amplifiers and Attenuators
The DAC7811 is available in a 10-lead MSOP
package.
• Digitally Controlled Calibration
• Programmable Filters and Oscillators
• Composite Video
• Ultrasound
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI, QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA656

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA656 TI-OPA656 Datasheet
390Kb / 20P
1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA656 BURR-BROWN-OPA656 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
76Kb / 4P
WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA656

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Analog Devices
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com